Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC508A Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC508A
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508A Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC508A Datasheet HTML 6Page - Semtech Corporation SC508A Datasheet HTML 7Page - Semtech Corporation SC508A Datasheet HTML 8Page - Semtech Corporation SC508A Datasheet HTML 9Page - Semtech Corporation SC508A Datasheet HTML 10Page - Semtech Corporation SC508A Datasheet HTML 11Page - Semtech Corporation SC508A Datasheet HTML 12Page - Semtech Corporation SC508A Datasheet HTML 13Page - Semtech Corporation SC508A Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
SC508/SC508A
10
RLIM
100nF
RPSV(2)
100nF
SC508
VLDO
VOUT
DL
VDDA
PGOOD
PSV
VDDP
FB
VIN
PGND
Q1
EN
PGOOD
ENABLE LDO
5V
VIN
VIN
Q2
RTOP
L1
RBOT
1µF
5V
VOUT
RTON
1µF
VLDO
1
2
3(1)
4
5
11
12
13
14
15
6
7
8
9 10
20 19 18
17
16
COUT
+
1µF
154kW
36V to 1.8V @ 8A
CTOP*
PAD
20kW
10kW
np
CIN1 CIN2
100nF
Component
Value
Manufacturer
Part Number
Web
CIN1, CIN2
10µF/50V
Murata
GRM32ER71H106KA12L
www.murata.com
www.panasonic.com
COUT
330µF/6mW
Sanyo
2TPF330M6
www.vishay.com
L1
1.8µH
Vishay
IHLP4040EZER1R8M01
Key Component�
www.aosmd.com
Q1
AO4440
Alpha Omega
AO4440
www.fairchildsemi.com
Q2
FDMS5352
Fairchild
FDMS5352
6.81kW
CSS
3.9nF
CBST
(1)
(2) RPSV:
Use 115kW for Ultrasonic operation.
Remove RPSV for Power-Save operation.
Connect PSV pin to VDDA for Forced Continuous Mode operation.
(1) 5V:
Connect VDDA and VDDP to external 5V supply for external bias.
Connect VDDA and VDDP to VLDO for self -biased operation.
Notes:
RBST
3.3W
Detailed Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com