Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC508A Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC508A
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508A Datasheet(HTML) 3 Page - Semtech Corporation

  SC508A Datasheet HTML 1Page - Semtech Corporation SC508A Datasheet HTML 2Page - Semtech Corporation SC508A Datasheet HTML 3Page - Semtech Corporation SC508A Datasheet HTML 4Page - Semtech Corporation SC508A Datasheet HTML 5Page - Semtech Corporation SC508A Datasheet HTML 6Page - Semtech Corporation SC508A Datasheet HTML 7Page - Semtech Corporation SC508A Datasheet HTML 8Page - Semtech Corporation SC508A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
SC508/SC508A
3
Absolute Maximum Ratings(1)
LX to PGND (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +50
LX to PGND (V) (transient — 100ns) . . . . . . . . . -2 to +50
DH, BST to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +55
DH, BST to LX (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6
DL to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6
VIN to PGND (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +50
EN, FB, ILIM, PGOOD to AGND (V). . . -0.3 to +(VDDA + 0.3)
PSV, SS, TON to AGND (V) . . . . . . . . . . -0.3 to +(VDDA + 0.3)
VLDO, VOUT to AGND (V) . . . . . . . . . . -0.3 to +(VDDA + 0.3)
TON to AGND (V). . . . . . . . . . . . . . . . . . . -0.3 to +(VDDA -1.5)
ENL to AGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to VIN
VDDP to PGND, VDDA to AGND (V) . . . . . . . . . . 0.3 to +6
VDDA to VDDP (V) . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3 to +0.3
AGND to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3 to +0.3
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Input Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5 to 46
VDDA to AGND, VDDP to PGND (V) . . . . . . . . . . . 4.5 to 5.5
VOUT to PGND (V)(2). . . . . . . . . . . . . . . . . . . . . . . . . . 0.6 to 5.5
Supports output voltages greater than 5.5V using
external components
Thermal Information
Storage Temperature (°C). . . . . . . . . . . . . . . . . . . . -60 to +150
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . . . 150
Operating Junction Temperature (°C) . . . . . . . . -40 to +125
Thermal resistance, junction to ambient(3) (°C/W). . . . . . 50
Peak IR Reflow Temperature (°C) . . . . . . . . . . . . . . . . . . . . 260
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1) Tested according to JEDEC standard JESD22-A114.
(2) VOUT pin must not exceed (VDDA pin + 0.3V).
(3) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Unless specified: V
IN =12V, VDDA = VDDP = 5V, TA = +25°C for Typ, -40 to +85 °C for Min and Max, TJ < 125°C, Typical Application Circuit
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Input Supplies
Input Supply Voltage (V
IN)
VDDA = 5V
4.5
46
V
V
IN UVLO Threshold
(1)
Sensed at ENL pin, rising edge
1.50
1.56
1.70
V
Sensed at ENL pin, falling edge
1.45
1.52
1.65
V
IN UVLO Hysteresis
Sensed at ENL pin; EN = 5V
0.04
V
VDDA UVLO Threshold
Measured at VDDA pin, rising edge
3.7
3.9
4.1
V
Measured at VDDA pin, falling edge
3.5
3.7
3.9
VDDA UVLO Hysteresis
0.2
V
V
IN Supply Current
Shutdown mode; ENL, EN = 0V, V
IN = 46V
20
35
μA
Standby mode; VDDA, VDDP, ENL = 5V, EN = 0V
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com