Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC508A Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC508A
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508A Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC508A Datasheet HTML 8Page - Semtech Corporation SC508A Datasheet HTML 9Page - Semtech Corporation SC508A Datasheet HTML 10Page - Semtech Corporation SC508A Datasheet HTML 11Page - Semtech Corporation SC508A Datasheet HTML 12Page - Semtech Corporation SC508A Datasheet HTML 13Page - Semtech Corporation SC508A Datasheet HTML 14Page - Semtech Corporation SC508A Datasheet HTML 15Page - Semtech Corporation SC508A Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
SC508/SC508A
12
Block Diagram
8
VDDA UVLO
Soft Start/
Automatic
Restart
FB
AGND
On-time
Generator
Control & Status
PGOOD
Gate Drive
Control
VIN
TON
VOUT
Zero Cross Detector
Current Limit
ILIM
ENL
VLDO Switchover MUX
A
Y
B
5V
LDO
VLDO
BST
FB Comparator
VDDA
LX
EN
VLDO Switchover Comparator
DL
5
16
20
4
2
19
1
3
15
17
10
A
VDDP
VDDP
VIN
VDDA
PSV
14
PGND
11
DL
12
DH
9
VDDP
13
Bootstrap Switch
Reference
VIN ULVO
detect
A = connected to pins 18 and PAD
DL
VIN
To Control & Status
VIN ULVO
VDDA
SS
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com