Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219AYQS Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MICRF219AYQS
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219AYQS Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MICRF219AYQS Datasheet HTML 3Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 4Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 5Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 6Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 7Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 8Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 9Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 10Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Micrel
MICRF219
June 2011
7
M9999-060811
(408) 944-0800
iagram, shown in Figure 1,
cture of the MICRF219 receiver.
ub-blocks:
tor
(
ditional five components
nce; a power supply d
omponents for the matching
b
nts: LNA,
d
t
F
e
and Synthesizer
n by quadra re
lock.
e
place
l to a ow
i
the IF
a
scillat
e cy via a
er with a fully integrated
loop filter.
Image-Reject Filter and Band-Pass Filter
ports of the mixer produce quadrature-down
converted IF signals. These IF signals are low-pass
filtered to remove higher frequency products prior to the
image reject filter where they are combined to reject the
image frequencies. The IF signal then passes through a
third order band pass filter. The IF center frequency is
1.2MHz. The IF BW is 330kHz @ 433.92MHz. This
varies with RF operating frequency.
The IF BW can be calculated via direct scaling:
BWIF
IF@433.92 MHz ×
Functional Description
The simplified block d
illustrates the basic stru
It is made up of four s
•
UHF Down-converter
•
OOK Demodula
•
Reference and Control logic
•
Auto-poll circuitry
Outside the device, the MICRF219 receiver re
three components to operate: two capacitors
CAGC) and the reference frequency device
quires just
CTH, and
(usually a
quartz crystal). An ad
to improve performa
are used
ecoupling
network,
and-pass
capacitor, two c
and two components for the pre-selector
filter.
Receiver Operation
UHF Downconverter
The UHF down-converter has six compone
mixers, synthesizer, image reject filter, ban pass filter
and IF amp.
LNA
The RF input signal is AC-coupled into the ga
the grounded source LNA input stage. The
Cascoded NMOS amplifier. The amplified R
then fed to the RF ports of two double balanc
Mixers
e circuit of
LNA is a
signal is
d mixers.
The LO ports of the Mixers are drive
tu
local oscillator outputs from the synthesizer b
local oscillator signal from the synthesizer is
the low side of the desired RF signa
suppression of the image frequency at tw
frequency below the wanted signal. The loc
is set to 32 times the crystal reference frequ
phase-locked loop synthesiz
Th
d on
ll
ce
l o
or
n
The IF
= BW
⎟
⎞
⎜
⎛
(MHz)
Freq
Operating
These filters
side the MICRF219.
r filt
rolled amplifier stages
ts proper level for
mprised of detector,
, slicer, and AGC
-Pass Filter
detector removing the
t detection, the signal
. The programmable
ss
filter
further
enhances
the
baseband
information.
There are four programmable low-pass
ttings: 1625Hz, 3250Hz, 6500Hz, 13000Hz
for 433.92MHz operation. Low pass filter BW will vary
with RF Operating Frequency. Filter BW values can be
. See equation below
WOperating Freq = BW@433.92MHz*
⎠
⎝
433.92
are fully integrated in
ering, four active gain cont
Afte
enhance the IF signal to i
demodulation.
OOK Demodulator
The demodulator section is co
programmable low pass filter
comparator.
Detector and Programmable Low
The demodulation starts with the
carrier from the IF signal. Pos
becomes base band information
low-pa
filter BW se
easily calculated by direct scaling
for filter BW calculation:
B
⎟
⎠
⎞
⎜
⎝
⎛ O
433.92
(MHz)
Freq
perating
very important to choose filter setting that fits best
e in
data rate to minimize data distortion.
em
3000Hz @ 433.92MHz as default
nd SEL1 pins are floating). The
hardware set by external pins
SEL0 and SEL1.
SEL0
SEL1
Demod BW (@ 434MHz)
It is
th
tended
D
(assu
od BW is set at 1
ming both SEL0 a
low pass filter can be
0
0
1625Hz
1
0
3250Hz
0
1
6500Hz
1
1
13000Hz
- default
Table 1. Demodulation BW Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com