Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219AYQS Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MICRF219AYQS
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219AYQS Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MICRF219AYQS Datasheet HTML 6Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 7Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 8Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 9Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 10Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 11Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 12Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 13Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Micrel
MICRF219
June 2011
10
M9999-060811
(408) 944-0800
low
the
circ
od.
regis
14 to set the
re used for control
re u
g, s
bits
he
p for the programmed timer du
data if it is present.
is se
ep peri
the
al re
r of bits to
be checked as good, before the receiver outputs data
at the DO pin. The bit-check window bits D9, D10,
D11 must also be set to match the data period. The
shortest default window time gives the least critical bit
check action. For better discrimination, the window
setting may be increased up towards the normal
minimum time expected between data edges. Note
an this will result in all
e device will remain in
n the serial command
go to sleep for the
e to receive and check
a again at DO as soon
f good RTZ bits have
seen, the device will
gain for good bits after
the sleep period.
Both high and low periods are
nable the device
e device to sleep.
er a programmable
rence frequency. If
the next pulse edge falls within this window the bit is
d and
sufficient pulses have
or a lack of pulses will
ep for a further sleep
od.
Squelch
During normal operation, if four or less out of eight bit
pulses are good, the DO output is squelched. If good
bit count increases to seven or more in any eight
sequential bits, squelch is disabled allowing data to
output at DO pin.
Auto-Polling
The auto-poll block (Figure 3) contains a
oscillator that drives the sleep timer when
the device is powered down. It also contains
check whether the received bits are go
polling is controlled by bit D15 in the serial
conjunction with bits D12, D13, D
power
rest of
uits to
Auto-
ter, in
sleep
of the
sed to
device will stay awake until serial bit D15
then set high again, to enable a further sle
The sleep duty cycle may be controlled by
of serial commands.
Auto-Polling with Bit-Checking
For auto-polling with bit-checking, the seri
bits D7and D8 need to be set for the numbe
that a window time set longer th
bits being tested as bad and th
sleep polling mode. Now, whe
sets bit D15 high, the device will
timer period and will then awak
bits. The device will output dat
as the programmed numbers o
been received. If a bad bit is
return to sleep mode and poll a
timer period. Bits D7, D8, a
bit-check operation and bits D9, D10, D11 a
adjust the sensitivity of the bit-check action.
Auto-Polling without Bit-Checking
For simple auto-polling without bit-checkin
serial command with bit D15 set high and
D13, D14 set to the desired sleep time. T
will go to slee
end a
D12,
device
ration
The
t low,
checked for each RTZ bit. The device will continue to
check bits until sufficient good bits e
to wake up, or bad bits return th
Operation
Received pulse edges trigg
window timer clocked by the refe
then wake up to receive
od.
timing
gister
flagged as bad. Detected good bits are counte
the device will wake up once
been received. Two bad pulses
cause the device to go to sle
timeout peri



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com