Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219AYQS Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF219AYQS
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219AYQS Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF219AYQS Datasheet HTML 4Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 5Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 6Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 7Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 8Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 9Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 10Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 11Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Micrel
MICRF219
June 2011
8
M9999-060811
(408) 944-0800
data
cer
ros based on
cap itor.
tal da .
The slicing threshold is default at 50%. The
ing
threshold
n b
serial programming through
register D5 and
D5
D
Slicer and Slicing Level
The signal, prior to the slicer, is still AM. The
converts the AM signal into ones and ze
sli
the threshold voltage built up in the CTH
After the slicer, the signal is ASK or OOK digi
ac
ta
slic
ca
e set via
D6.
6
Slicing Level
1
0
l 30%
Slice Leve
0
1
Slice Level 40%
1
1
Slice Level 50%
- default
0
0
Slice Level 60%
AGC Comparator
The AGC comparator monitors the signal
from the output of the programmable low
When the output signal is less than 750mV th
1.5µA
amplitude
ass filter.
-p
current is sourced into the external CAGC
tor. When the output signal is greater th
th
CAGC
he CA
a
ig
designed to reduce the
nsitivity
of the MICRF219 receiver to a maximum of 45dB for
training the MICRF219 receiver. This is done in order to
recognize an intended transmitter. Very often, a receiver
needs to learn how to recognize a particular transmitter.
It is important for the receiver not to learn the signal of a
stray transmitter near by. The simplest solution is to turn
down the receiver gain, so the receiver only recognizes
the transmitter at close range.
The de-sense function is accessible only through serial
programming.
D
MODE: Desense
resh-hold,
capaci
an
750mV, a 15µA current sink discharges
capacitor. The voltage developed on t
capacitor acts to adjust the gain of the mixer
amplifier to compensate for RF input s
variation.
Desense
Desense is a function
e
GC
nd the IF
nal level
se
0
D1
D2
0
No Desense - default
X
X
1
6dB Desense
0
0
1
1
0
16dB Desense
1
0
1
30dB Desense
1
1
1
42dB Desense
Reference Control
ce and Control sub-
and 2) Control Logic
1, SHDN
MICRF219 (Figure 2)
asic Pierce crystal oscillator configuration with
negative resistance.
Though the MICRF219 has build-in load capacitors for
ator, the external load capacitors are still
required for tuning it to the right frequency. R01 and R02
219 to connect the crystal
to the reference oscillator.
ncy can be calculated:
FREF OSC = FRF/(32 + 1.1/12)
For 433.92 MHz, FREF OSC = 13.52127 MHz.
To operate the MICRF219 with minimum offset, crystal
frequencies should be specified with 10pF loading
capacitance.
There are 2 components in Referen
block: 1) Reference Oscillator
through parallel Inputs: SEL0, SEL
Reference Oscillator
The reference oscillator in the
uses a b
MOS transconductor to provide
the crystal oscill
are external pins of the MICRF
Reference oscillator crystal freque



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com