Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219AYQS Datasheet(PDF) 19 Page - Micrel Semiconductor

Part # MICRF219AYQS
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219AYQS Datasheet(HTML) 19 Page - Micrel Semiconductor

Back Button MICRF219AYQS Datasheet HTML 15Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 16Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 17Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 18Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 19Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 20Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 21Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 22Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 23Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Micrel
MICRF219
June 2011
19
M9999-060811
(408) 944-0800
Figure 17. D19 = D18 = 1, D17 = D0 = 0
Figure 18):
nse
12 h
1
= 500µsec.
500usec =
bits.
e is ON checking for four
1 = 0, data rate is 1 kHz, (500µsec
pulses), window set to 433µsec (< 500 usec)
D12 = D13 = 0, D14 = 1, sleep timer set to 160msec,
that is, 4 bit is ON and 160msec is OFF.
D15 = 1, device is placed in autopoll
D16 = 0, not used. Always set to 0.
D17 = 0, squelch is OFF
D18 = 1, watchdog timer is OFF
D19 = 0, no RSSI offset
From MSB to LSB (see Table 9):
D19
D18
D17
D16
D15
D14
D13
D12
Auto-Poll Programming Example
Auto-Poll example (see
D0 = D1 = D2 = 0, no dese
D3 = D4 = 0, demodulator bandwidth = 17
kHz baud rate, pulse
ertz,
Required demodulator bandwidth is 0.65/
1300 hertz
D5 = D6 = 1, Slice level = 50%
D7 = 0, D8 = 1, bit check = 4
This is the time th
consecutive valid w
e devic
indows.
D9 = D10 = 1, D1
0
1
0
0
1
1
0
0
D
D7
D6
D5
11 D10 D9
D8
0
1
1
1
0
1
1
D4
D3
D2
D1
D0
0
0
0
0
0
Table 9. Auto-Poll Example Bit Sequence
Figure 18. Autopoll Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com