Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219AYQS Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF219AYQS
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219AYQS Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF219AYQS Datasheet HTML 8Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 9Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 10Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 11Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 12Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 13Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 14Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 15Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Micrel
MICRF219
June 2011
12
M9999-060811
(408) 944-0800
Application Information
Figure 4. Q
Antenna and RF Port Connections
Figure 4 shows the schematic of the Q
configured for 433.29 MHz operation. Figu
R219BPF
ation Exam
, 433.92MHz
R219B
19
through Figure 23 are PCB pictures. The QR21
int for the prototyping of
an
nna. The
nal to be
r verification. To use an antenna
such a
Ω
and solder the
whip
the PCB instead. A wire
with 167mm (6.-inch) can be used as a
tion if low cost antenna is needed.
Front-End Band Pass Filter
Components L1 and C8 form the band-pass filter at
front of the receiver. Its purpose is to attenuate
undesired outside band noise that degrades the
receiver performance. It is calculated by the parallel
resonance equation:
f = 1/(2×PI×(SQRT L1×C8))
Table 2 shows the component values for most often
L1 (nH)
Applic
ple
PF
used frequencies.
re
9BPF
most
tenna
Freq (MHz)
C8 (pF)
is a good starting po
applications. Current design offers two
options: A wire antenna or 50
Ω SMA ante
SMA connection also allows an RF sig
injected for test o
s a 50
whip, remove the SMA
antenna in the hole on
of 22AWG
substitu
315.0
6.8
39
390.0
6.8
24
418.0
6.0
24
433.92
5.6
24
Table 2. Front Band-Pass Filter values for Various
Frequencies
This band-pass filter can be removed if the outside
band noise does not cause a problem. The MICRF219
has built-in image reject mixers which improve the
selectivity significantly and reject outside band noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com