Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219AYQS Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF219AYQS
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219AYQS Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF219AYQS Datasheet HTML 9Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 10Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 11Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 12Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 13Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 14Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 15Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 16Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Micrel
MICRF219
June 2011
13
M9999-060811
(408) 944-0800
ape
additional
nd noise.
tection for
ed to find
50Ω. One
using the
mith chart
easier via a software plot
y, the user
n for best
hing point,
ne needs to know
the input impedance of the device. Table 3 shows the
pe
of
IC
suggested
matching val
for the most of
d frequencies.
These sugge
d value
ay be
t if the layout
is
exactly
same
he on
here:
F
Z devic
Low-Noise Amplifier Input Matching
Capacitor C3 and inductor L2 form the “L” sh
matching network. The capacitor provides
attenuation for low-frequency outside ba
The inductor provides additional ESD pro
the antenna pin. Two methods can be us
these values that best matched near
method is done by calculating the values
equations below and the other is using a S
utility. The latter is made
input
where components are added on. In this wa
can see the impedance moving directio
values of C8 and L1 toward to central matc
like WinSmith by Noble Publishing.
To calculate the matching values, o
input im dance
the M RF219 and
ues
ten use
ste
s m
differen
not
the
as t
e made
req (MHz)
C3 (pF)
L2(nH)
e (Ω)
315
68
33 - j2
1.8
35
390
1.5
47
23 – j199
418
1.5
43
21 – j186
433.92
1.5
39
19 – j174
Table 3. Matching Values for the Most Used
Frequencies
equency of 433.92MHz, the input impedance
– j174.2Ω, then the matching components
allel = B =
.68msiemens
5kΩ;
Xp = 176.2Ω
Q = SQRT (Rp/50 + 1)
Q = 5.831
Xm = Rp / Q
82.98Ω
Resonance Method for L-shape Matching Network
Lc = Xp / (2×Pi×f);
Lp = Xm / (2×Pi×f)
L2 = (Lc×Lp) / (Lc + Lp);
C3 = 1 / (2×Pi×f×Xm)
L2 = 39.8nH
C3 = 1.3pF
with the Smith
First, one plots the input impedance of the device,
(Z = 18.6 – j174.2)Ω @ 433.92MHz.(Figure 5):
For the fr
is Z = 18.6
are calculated by:
Equivalent par
1/Z = 0.606 + j5
Rp = 1 / Re (B); Xp = 1 / Im (B)
Rp = 1.6
Xm = 2
Doing the same calculation example
Chart, would appear as follows,
Figure 5. Device’s Input Impedance, Z = 19 – j174Ω
Second, one plots the shunt inductor (39nH) and the
series capacitor (1.5pF) for the desired input
impedance (Figure 6). One can then see the matching
leading to the center of the Smith Chart or close to
50Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com