Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219AYQS Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MICRF219AYQS
Description  300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219AYQS Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MICRF219AYQS Datasheet HTML 11Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 12Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 13Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 14Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 15Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 16Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 17Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 18Page - Micrel Semiconductor MICRF219AYQS Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Micrel
MICRF219
June 2011
15
M9999-060811
(408) 944-0800
SC (MH
Carrier (M
n Part Number
REFO
z)
Hz)
HIB Part Number
Abraco
9.81563
315.0
SA-9.815630-F-10-H-30-30-X
ABLS-9.81563MHz-10J4Y
12.15269
90.0
3
SA-12.152690-F-10-H-30-30-X
ABLS-12.15269MHz-10J4Y
13.02519
418.0
SA-13.025190-F-10-H-30-30-X
ABLS-13.025190MHz-10J4Y
13.52127
433.92
SA-13.521270-F-10-H-30-30-X
ABLS-13.521270MHz-10J4Y
4. Crystal requencies and Vendor Part Numbers
ata
n fo
ctly, it is
dth o
ilar to
7, PW2 is
ed for the
s found by
foun , the
ble 5. For
50%
(100
Therefore, a bandwidth of 13kHz would
be necessary (0.65 / 50µsec). However, if this data
am
a
h
ty cycle,
ba
idt
re
ul
Hz (0
20µsec). This
exce
the
m band
e
odulator circuit. If one tries to excee the
im
ba
idth,
e pu
would appear
tc
r w
SEL0
BW
t
Pulse
Maxim
Baud
50%
ycle
Table
F
Demodulator Bandwidth Selection and D
Stream Optimization
JP1 and JP2 are the bandwidth selectio
demodulator bandwidth. To set it corre
necessary to know the shortest pulse wi
encoded data sent in the transmitter. Sim
example of the data profile in the Figure
shorter than PW1, so PW2 should be us
demodulator bandwidth calculation which i
0.65/shortest pulse width. After this value is
setting should be done according to Ta
example, if the pulse period is 100µsec,
cycle, the pulse width will be 50µsec (PW =
× 50%) / 100).
r the
f the
the
d
duty
µsec
stre
the
had
ndw
pulse p
h requi
would
eriod wit
d wo
ed
a 20% du
d be 32.5k
maximu
then
.65 /
width
of th dem
d
max um
ndw
th
lse
stre hed o
ider.
JP1
JP2
(hertz)
(µsec)
for
C
SEL1
Demod.
Shortes
um
Rate
Duty
(Hz)
Short
Short
1625
400
1250
Open
Short
3250
200
2500
Short
Open
6500
100
5000
Open
Open
13000
50
10000
Table 5. JP1 and JP2 Setting, 433.92MHz
Other frequencies will have different demodulator
bandwidth limits, which is derived from the reference
oscillator frequency. Table 6 and Table 7 shows the
limits for the other two most used frequencies.
S
J
SEL1
J
De
B
(h
Shortest
Pulse
(µsec)
Maximum
Baud Rate
for 50%
Duty Cycle
(Hz)
EL0
P1
P2
mod.
W
ertz)
Short
Short
1565
416
1204
Open
Short
3130
208
2408
Short
Open
104
4816
6261
Open
Open
12523
52
9633
Table 6. P1 an
Setting, 418.0MHz
SEL0
SEL1
Demod.
(hertz)
Shortest
Pulse
(µsec)
Maximum
Baud Rate
for 50%
Duty Cycle
(Hz)
d JP2
JP1
JP2
BW
Short
Short
1170
445
1123
Open
Short
2350
223
2246
Short
Open
4700
111
4493
Open
Open
9400
56
8987
Table 7. JP1 and JP2 Setting, 315MHz
AGC Capacitor and Data Slicer Threshold
Capacitor Selection
Capacitors C6 and C4
TH and CAGC capacitors
respectively providing a time base reference for the
data pattern received. These capacitors are selected
according to data profile, pulse duty cycle, dead time
between two received data packets, and if the data
pattern does has or not have a preamble. See Figure
8 for example of a data profile.
are C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com