Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4151 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4151
Description  Fractional-N/Integer-N PLL Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4151 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4151 Datasheet HTML 5Page - Analog Devices ADF4151 Datasheet HTML 6Page - Analog Devices ADF4151 Datasheet HTML 7Page - Analog Devices ADF4151 Datasheet HTML 8Page - Analog Devices ADF4151 Datasheet HTML 9Page - Analog Devices ADF4151 Datasheet HTML 10Page - Analog Devices ADF4151 Datasheet HTML 11Page - Analog Devices ADF4151 Datasheet HTML 12Page - Analog Devices ADF4151 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADF4151
Rev. B | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
0
–40
–35
–30
–25
–20
–15
–10
–5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 4. RF Input Sensitivity
6.0
–6.0
–5.5
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5.0
4.5
4.0
VCP (V)
0.28mA
0.28mA
0.56mA
0.56mA
1.13mA
1.13mA
2.25mA
2.25mA
4.5mA
4.5mA
SOURCE
SINK
Figure 5. Charge Pump Output Characteristics, VP = 5 V, Selected ICP Values
Between 0.28 mA (Min) and 4.5 mA (Max), RSET = 5.1 kΩ
–90
–100
–99
–98
–97
–96
–95
–94
–93
–92
–91
2.60
2.61
2.62
2.63
2.64
2.65
2.66
2.67
2.68
2.70
2.69
FREQUENCY (GHz)
LOW NOISE MODE
LOW SPUR MODE
Figure 6. In-Band Phase Noise Measured at 10 kHz Offset
for Low Noise Mode and Low Spur Mode,
PFD = 25 MHz, PLL Loop Bandwidth = 50 kHz
6.0
–6.0
–5.5
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5.0
4.5
4.0
VCP (V)
ICP = 0.28mA
ICP = 0.56mA
ICP = 1.13mA
ICP = 2.25mA
ICP = 4.5mA
Figure 7. Charge Pump Output Mismatch vs. VCP , Selected ICP Values Between
0.28 mA (Min) and 4.5 mA (Max), RSET = 5.1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com