Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4151 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF4151
Description  Fractional-N/Integer-N PLL Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4151 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF4151 Datasheet HTML 19Page - Analog Devices ADF4151 Datasheet HTML 20Page - Analog Devices ADF4151 Datasheet HTML 21Page - Analog Devices ADF4151 Datasheet HTML 22Page - Analog Devices ADF4151 Datasheet HTML 23Page - Analog Devices ADF4151 Datasheet HTML 24Page - Analog Devices ADF4151 Datasheet HTML 25Page - Analog Devices ADF4151 Datasheet HTML 26Page - Analog Devices ADF4151 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADF4151
Rev. B | Page 23 of 28
Reference Spurs
Reference spurs are generally not a problem in fractional-N
synthesizers because the reference offset is far outside the loop
bandwidth. However, any reference feedthrough mechanism
that bypasses the loop can cause a problem. Feedthrough of low
levels of on-chip reference switching noise, through the RFIN
pin back to the VCO, can result in reference spur levels as high
as −90 dBc. PCB layout must ensure adequate isolation between
VCO traces and the input reference to avoid a possible
feedthrough path on the board.
SPUR CONSISTENCY AND FRACTIONAL SPUR
OPTIMIZATION
With dither off, the fractional spur pattern due to the quanti-
zation noise of the SDM also depends on the particular phase
word with which the modulator is seeded.
The phase word can be varied to optimize the fractional and
subfractional spur levels on any particular frequency. Thus, a
look-up table of phase values corresponding to each frequency
can be constructed for use when programming the ADF4151.
If a look-up table is not used, keep the phase word at a constant
value to ensure consistent spur levels on any particular frequency.
PHASE RESYNC
The output of a fractional-N PLL can settle to any one of the
MOD phase offsets with respect to the input reference, where
MOD is the fractional modulus. The phase resync feature in the
ADF4151 produces a consistent output phase offset with respect
to the input reference. This is necessary in applications where the
output phase and frequency are important, such as digital beam
forming. See the Phase Programmability section for how to
program a specific RF output phase when using phase resync.
Phase resync is enabled by setting Bit DB16, Bit DB15 in
Register 3 to 1, 0. When phase resync is enabled, an internal
timer generates sync signals at intervals of tSYNC given by the
following formula:
tSYNC = CLK_DIV_VALUE × MOD × tPFD
where:
CLK_DIV_VALUE is the decimal value programmed in
Bits[DB14:DB3] of Register 3 and can be any integer in the
range of 1 to 4095.
MOD is the modulus value programmed in Bits[DB14:DB3] of
Register 1 (R1).
tPFD is the PFD reference period.
When a new frequency is programmed, the second sync pulse
after the LE rising edge is used to resynchronize the output
phase to the reference. The tSYNC time must be programmed to
a value that is at least as long as the worst-case lock time. This
guarantees that the phase resync occurs after the last cycle slip
in the PLL settling transient.
In the example shown in Figure 28, the PFD reference is
25 MHz and MOD is 125 for a 200 kHz channel spacing. tSYNC
is set to 400 µs by programming the clock divider value,
CLK_DIV_VALUE, to 80.
LE
PHASE
FREQUENCY
SYNC
(INTERNAL)
–100
0
100
200
1000
300
400
500
600
700
800
900
TIME (µs)
PLL SETTLES TO
CORRECT PHASE
AFTER RESYNC
tSYNC
LAST CYCLE SLIP
PLL SETTLES TO
INCORRECT PHASE
Figure 28. Phase Resync Example
Phase Programmability
The phase word in Register 1 controls the RF output phase. As
this word is swept from 0 to MOD, the RF output phase sweeps
over a 360° range in steps of 360°/MOD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com