Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4151 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF4151
Description  Fractional-N/Integer-N PLL Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4151 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF4151 Datasheet HTML 18Page - Analog Devices ADF4151 Datasheet HTML 19Page - Analog Devices ADF4151 Datasheet HTML 20Page - Analog Devices ADF4151 Datasheet HTML 21Page - Analog Devices ADF4151 Datasheet HTML 22Page - Analog Devices ADF4151 Datasheet HTML 23Page - Analog Devices ADF4151 Datasheet HTML 24Page - Analog Devices ADF4151 Datasheet HTML 25Page - Analog Devices ADF4151 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADF4151
Data Sheet
Rev. B | Page 22 of 28
FAST LOCK—AN EXAMPLE
If a PLL has a reference frequency of 13 MHz, a fPFD of 13 MHz
and a required lock time of 50 µs, the PLL is set to wide bandwidth
for 40 µs. This example assumes a modulus of 65 for channel
spacing of 200 kHz.
If the time period set for the wide bandwidth is 40 µs, then
Fast Lock Timer Value = Time In Wide Bandwidth × fPFD/MOD
Fast Lock Timer Value = 40 µs × 13 MHz/65 = 8
Therefore, 8 must be loaded into the clock divider value in
Register 3 in Step 1 of the sequence described in the Fast Lock
Timer and Register Sequences section.
FAST LOCK—LOOP FILTER TOPOLOGY
To use fast lock mode, the damping resistor in the loop filter
is reduced to ¼ of its value while in wide bandwidth mode. To
achieve the wider loop filter bandwidth, the charge pump
current increases by a factor of 16. To maintain loop stability,
the damping resistor must be reduced a factor of ¼. To enable
fast lock, the SW pin is shorted to the GND pin by setting
Bits[DB16:DB15] in Register 3 to values 0, 1. The following two
topologies are available:
•
The damping resistor (R1) is divided into two values (R1
and R1A) that have a ratio of 1:3 (see Figure 26).
•
An extra resistor (R1A) is connected directly from SW,
as shown in Figure 27. The extra resistor is calculated
such that the parallel combination of an extra resistor
and the damping resistor (R1) is reduced to ¼ of the
original value of R1 (see Figure 27).
ADF4151
CPOUT
SW
C1
C2
R2
R1
R1A
C3
VCO
Figure 26. Fast Lock Loop Filter Topology—Topology 1
ADF4151
CPOUT
SW
C1
C2
R2
R1
R1A
C3
VCO
Figure 27. Fast Lock Loop Filter Topology—Topology 2
SPUR MECHANISMS
This section describes the three different spur mechanisms that
arise with a fractional-N synthesizer and how to minimize them
in the ADF4151.
Fractional Spurs
The fractional interpolator in the ADF4151 is a third-order Σ-Δ
modulator (SDM) with a modulus (MOD) that is programmable
to any integer value from 2 to 4095. In low spur mode (dither
enabled), the minimum allowable value of MOD is 50. The
SDM is clocked at the PFD reference rate (fPFD) that allows PLL
output frequencies to be synthesized at a channel step resolution
of fPFD/MOD.
In low noise mode (dither off), the quantization noise from the
Σ-Δ modulator appears as fractional spurs. The interval between
spurs is fPFD/L, where L is the repeat length of the code sequence
in the digital Σ-Δ modulator. For the third-order modulator
used in the ADF4151, the repeat length depends on the value
of MOD, as listed in Table 7.
Table 7. Fractional Spurs with Dither Off
Condition (Dither Off)
Repeat
Length
Spur Interval
If MOD is divisible by 2, but not 3
2 × MOD
Channel step/2
If MOD is divisible by 3, but not 2
3 × MOD
Channel step/3
If MOD is divisible by 6
6 × MOD
Channel step/6
Otherwise
MOD
Channel step
In low spur mode (dither on), the repeat length is extended to
221 cycles, regardless of the value of MOD, which makes the
quantization error spectrum look like broadband noise. This
may degrade the in-band phase noise at the PLL output by as
much as 10 dB. For lowest noise, dither off is a better choice,
particularly when the final loop bandwidth is low enough to
attenuate even the lowest frequency fractional spur.
Integer Boundary Spurs
Another mechanism for fractional spur creation is the interactions
between the RF VCO frequency and the reference frequency.
When these frequencies are not integer related (the point of a
fractional-N synthesizer) spur sidebands appear on the VCO
output spectrum at an offset frequency that corresponds to the
beat note or difference frequency between an integer multiple of
the reference and the VCO frequency. These spurs are attenuated
by the loop filter and are more noticeable on channels close to
integer multiples of the reference where the difference frequency
can be inside the loop bandwidth; therefore, the name integer
boundary spurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com