Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4151 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4151
Description  Fractional-N/Integer-N PLL Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4151 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4151 Datasheet HTML 20Page - Analog Devices ADF4151 Datasheet HTML 21Page - Analog Devices ADF4151 Datasheet HTML 22Page - Analog Devices ADF4151 Datasheet HTML 23Page - Analog Devices ADF4151 Datasheet HTML 24Page - Analog Devices ADF4151 Datasheet HTML 25Page - Analog Devices ADF4151 Datasheet HTML 26Page - Analog Devices ADF4151 Datasheet HTML 27Page - Analog Devices ADF4151 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADF4151
Data Sheet
Rev. B | Page 24 of 28
APPLICATIONS INFORMATION
DIRECT CONVERSION MODULATOR
Direct conversion architectures are increasingly being used to
implement base station transmitters. Figure 29 shows how Analog
Devices, Inc., parts can be used to implement such a system.
The circuit block diagram shows the AD9788 TxDAC® being
used with the ADL5375. The use of dual integrated DACs, such
as the AD9788 with its specified ±0.02 dB and ±0.004 dB gain
and offset matching characteristics, ensures minimum error
contribution (over temperature) from this portion of the
signal chain. The signal for the I channel of the quadrature
modulator is taken from the OUT1 differential outputs of the
AD9788, and the OUT2 differential outputs provide the signal
for the Q channel of the quadrature modulator ADL5375.
The local oscillator (LO) is implemented using the ADF4151.
The low-pass filter was designed using ADIsimPLL™ for a channel
spacing of 200 kHz and a closed-loop bandwidth of 35 kHz.
The LO ports of the ADL5375 can be driven from the VCO
output. To ensure that all three RF ports (VCO output, RFIN and
LOIP) are connected to 50 Ω impedance, the matching network
of three 18 Ω resistors must be placed as in Figure 29. AC
coupling of the RF signal is implemented by the capacitors
connected in serial with the 18 Ω resistors . It is possible, as
well, to use a balun to convert from a single-ended LO input to
the differential LO inputs for the ADL5375.
If the I and Q inputs are driven in quadrature by 2 V p-p
signals, the resulting output power from the modulator is
approximately 2 dBm.
AD9788
TxDAC
REFIO
FSADJ
OUT2_N
OUT1_P
OUT1_N
OUT2_P
2kΩ
LOW-PASS
FILTER
LOW-PASS
FILTER
2700pF
1200pF
39nF
680
Ω
360
Ω
IBBP
IBBN
QBBP
QBBN
LOIP
LOIN
ADF4151
CPGND
AGND
AGND
SDGND
1nF
1nF
4.7kΩ
RSET
LE
DATA
CLK
REFIN
FREFIN
CPOUT
AVDD2 AVDD2 CE
MUXOUT
VCC
VCOOUT
VCO
VTUNE
17
16
AVDD1
10
29
1
2
3
22
8
11
18
31
VDD
LOCK
DETECT
51Ω
51Ω
51Ω
51Ω
51Ω
25
30
LD
7
DVDD
28
32
6
SDVDD VP
5
SW
4
ADL5375
RFOUT
QUADRATURE
PHASE
SPLITTER
DSOP
RFIN–
RFIN+
15
14
1nF
1nF
100pF
100pF
VVCO
18Ω
100pF
18Ω
18Ω
MODULATED
DIGITAL
DATA
VP
9
AGND
AGND
21
DGND
27
DGND
26
Figure 29. Direct Conversion Modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com