Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4151 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4151
Description  Fractional-N/Integer-N PLL Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4151 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4151 Datasheet HTML 12Page - Analog Devices ADF4151 Datasheet HTML 13Page - Analog Devices ADF4151 Datasheet HTML 14Page - Analog Devices ADF4151 Datasheet HTML 15Page - Analog Devices ADF4151 Datasheet HTML 16Page - Analog Devices ADF4151 Datasheet HTML 17Page - Analog Devices ADF4151 Datasheet HTML 18Page - Analog Devices ADF4151 Datasheet HTML 19Page - Analog Devices ADF4151 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADF4151
Data Sheet
Rev. B | Page 16 of 28
C2
C1
CLOCK DIVIDER MODE
0
0
CLOCK DIVIDER OFF
0
1
FAST LOCK ENABLE
1
0
RESYNC ENABLE
1
1
RESERVED
D12
D11
..........
D2
D1
CLOCK DIVIDER VALUE
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
4092
1
1
..........
0
1
4093
1
1
..........
1
0
4094
1
1
..........
1
1
4095
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
F1
0
C2
C1
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
C3(0) C2(1) C1(1)
CONTROL
BITS
12-BIT CLOCK DIVIDER VALUE
CLK
DIV
MODE
F1
CYCLE SLIP
REDUCTION
0
DISABLED
1
ENABLED
RESERVED
0
0
F3
F2
F2
CHARGE
CANCELLATION
0
DISABLED
1
ENABLED
F3
ANTIBACKLASH
PULSE WIDTH
0
6ns (FRAC-N)
1
3ns (INT_N)
Figure 22. Register 3 (R3)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
C3(1) C2(0) C1(0)
CONTROL
BITS
RESERVED
Figure 23. Register 4 (R4)
LD PIN
MODE
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
D15
D14
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
C3(1) C2(0) C1(1)
CONTROL
BITS
RESERVED
RESERVED
D1 5
D1 4
LOCK DETECT PIN OPERATION
0
0
LOW
0
1
DIGITAL LOCK DETECT
1
0
LOW
1
1
HIGH
Figure 24. Register 5 (R5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com