Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4151 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4151
Description  Fractional-N/Integer-N PLL Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4151 Datasheet(HTML) 3 Page - Analog Devices

  ADF4151 Datasheet HTML 1Page - Analog Devices ADF4151 Datasheet HTML 2Page - Analog Devices ADF4151 Datasheet HTML 3Page - Analog Devices ADF4151 Datasheet HTML 4Page - Analog Devices ADF4151 Datasheet HTML 5Page - Analog Devices ADF4151 Datasheet HTML 6Page - Analog Devices ADF4151 Datasheet HTML 7Page - Analog Devices ADF4151 Datasheet HTML 8Page - Analog Devices ADF4151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADF4151
Rev. B | Page 3 of 28
SPECIFICATIONS
AVDD = DVDD = SDVDD = 3.3 V ± 10%; VP = AVDD to 5.5 V; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise noted. Operating
temperature range is −40°C to +85°C.
Table 1.
Parameter
B Version
Unit
Conditions/Comments
Min
Typ
Max
REFIN CHARACTERISTICS
Input Frequency
10
250
MHz
For f < 10 MHz, ensure slew rate > 21 V/µs
Input Sensitivity
0.7
AVDD
V p-p
Biased at AVDD/21
Input Capacitance
10
pF
Input Current
±60
µA
RF INPUT CHARACTERISTICS
For lower frequencies, ensure slew rate > 400 V/µs
RF Input Frequency (RFIN)
0.5
3.5
GHz
−10 dBm ≤ RF input power ≤ +5 dBm
Prescaler Output Frequency
750
MHz
MAXIMUM PFD FREQUENCY
Fractional-N Mode
Low Spur Mode
26
MHz
Low Noise Mode
32
MHz
Integer-N Mode
32
MHz
CHARGE PUMP
ICP Sink/Source
RSET = 5.1 kΩ
High Value
4.5
mA
Low Value
0.281
mA
RSET Range
2.7
10
kΩ
ICP Leakage
1
nA
VCP = VP/2
Sink and Source Matching
2
%
0.5 V ≤ VCP ≤ VP − 0.5 V
ICP vs. VCP
1.5
%
0.5 V ≤ VCP ≤ VP − 0.5 V
ICP vs. Temperature
2
%
VCP = VP/2
LOGIC INPUTS
Input High Voltage, VINH
1.5
V
Input Low Voltage, VINL
0.6
V
Input Current, IINH/IINL
±1
µA
Input Capacitance, CIN
5.0
pF
LOGIC OUTPUTS
Output High Voltage, VOH
DVDD − 0.4
V
CMOS output chosen
Output High Current, IOH
500
µA
Output Low Voltage, VO
0.4
V
IOL = 500 µA
POWER SUPPLIES
AVDD
3.0
3.6
V
DVDD, SDVDD
AVDD
VP
AVDD
5.5
V
DIDD + AIDD2
40
50
mA
VPIDD2
2
mA
VP = 5 V
Low Power Sleep Mode
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com