Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4151 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4151
Description  Fractional-N/Integer-N PLL Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4151 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4151 Datasheet HTML 7Page - Analog Devices ADF4151 Datasheet HTML 8Page - Analog Devices ADF4151 Datasheet HTML 9Page - Analog Devices ADF4151 Datasheet HTML 10Page - Analog Devices ADF4151 Datasheet HTML 11Page - Analog Devices ADF4151 Datasheet HTML 12Page - Analog Devices ADF4151 Datasheet HTML 13Page - Analog Devices ADF4151 Datasheet HTML 14Page - Analog Devices ADF4151 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADF4151
Rev. B | Page 11 of 28
CIRCUIT DESCRIPTION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 14. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
BUFFER
TO R COUNTER
REFIN
100k
Ω
NC
SW2
SW3
NO
NC
SW1
POWER-DOWN
CONTROL
Figure 14. Reference Input Stage
RF N DIVIDER
The RF N divider allows a division ratio in the PLL feedback
path. Division ratio is determined by the INT, FRAC, and MOD
values, which build up this divider.
INT, FRAC, MOD, AND R COUNTER RELATIONSHIP
The INT, FRAC, and MOD values, in conjunction with the R
counter, make it possible to generate output frequencies that
are spaced by fractions of the PFD frequency. See the RF
Synthesizer—A Worked Example section for more
information. The RF VCO frequency (RFOUT) equation is
RFOUT = fPFD × (INT + (FRAC/MOD))
(1)
where:
RFOUT is the output frequency of the external voltage controlled
oscillator (VCO).
INT is the preset divide ratio of the binary 16-bit counter
(23 to 32,767 for 4/5 prescaler, 75 to 65,535 for 8/9 prescaler).
FRAC is the numerator of the fractional division (0 to MOD − 1).
MOD is the preset fractional modulus (2 to 4095 for low noise
mode, 50 to 4095 for low spur mode).
fPFD = REFIN × [(1 + D)/(R × (1 + T))]
(2)
where:
REFIN is the reference input frequency.
D is the REFIN doubler bit.
R is the preset divide ratio of the binary 10–bit programmable
reference counter (1 to 1023).
T is the REFIN divide-by-2 bit (0 or 1).
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRAC
VALUE
MOD
REG
INT
REG
RF N DIVIDER
N = INT + FRAC/MOD
FROM
VCO OUTPUT/
OUTPUT DIVIDERS
TO PFD
N COUNTER
Figure 15. RF INT Divider
INT N MODE
If the FRAC = 0 and DB8 in Register 2 (LDF) is set to 1, the
synthesizer operates in integer-N mode. The DB8 in Register 2
(LDF) should be set to 1 to get integer-N digital lock detect.
Additionally, lower phase noise is possible if the antibacklash
pulse width is reduced to 3 ns. This mode is not valid for
fractional-N applications.
R COUNTER
The 10-bit R counter allows the input reference frequency
(REFIN) to be divided down to produce the reference clock
to the PFD. Division ratios from 1 to 1023 are allowed.
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The phase frequency detector (PFD) takes inputs from the R
counter and N counter and produces an output proportional to
the phase and frequency difference between them. Figure 16 is
a simplified schematic of the phase frequency detector. The PFD
includes a programmable delay element that sets the width of
the antibacklash pulse, which can be either 6 ns (default, for
fractional-N applications) or 3 ns (for integer-N mode). This
pulse ensures that there is no dead zone in the PFD transfer
function and gives a consistent reference spur level.
U3
CLR2
Q2
D2
U2
DOWN
UP
HIGH
HIGH
CP
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1
Figure 16. PFD Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com