Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16136AMLZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16136AMLZ
Description  짹450째/Sec Precision Angular Rate Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16136AMLZ Datasheet(HTML) 3 Page - Analog Devices

  ADIS16136AMLZ Datasheet HTML 1Page - Analog Devices ADIS16136AMLZ Datasheet HTML 2Page - Analog Devices ADIS16136AMLZ Datasheet HTML 3Page - Analog Devices ADIS16136AMLZ Datasheet HTML 4Page - Analog Devices ADIS16136AMLZ Datasheet HTML 5Page - Analog Devices ADIS16136AMLZ Datasheet HTML 6Page - Analog Devices ADIS16136AMLZ Datasheet HTML 7Page - Analog Devices ADIS16136AMLZ Datasheet HTML 8Page - Analog Devices ADIS16136AMLZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADIS16136
Rev. A | Page 3 of 20
SPECIFICATIONS
TA = 25°C, VDD = 5.0 V, angular rate = 0°/sec, dynamic range = ±450°/sec, ±1 g, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GYROSCOPES
Dynamic Range
±450
±480
°/sec
Initial Sensitivity
GYRO_OUT, GYRO_OUT2 (24 bits)
7.139x10−5
°/sec/LSB
Initial Sensitivity Tolerance
±1
%
Sensitivity Temperature Coefficient
−40°C ≤ TA ≤ +70°C, 1 σ
±35
ppm/°C
Nonlinearity
Best fit straight line, ±400°/sec
±0.05
% of FS
Initial Bias Error
1 σ
±0.15
°/sec
Bias Temperature Coefficient
−40°C ≤ TA ≤ +70°C, 1 σ
±0.00125
°/sec/°C
In-Run Bias Stability
25°C, SMPL_PRD = 0x000F
4
°/hr
Angular Random Walk
1 σ, 25°C
0.167
°/√hr
Linear Acceleration Effect on Bias
1 σ
0.017
°/sec/g
Bias Voltage Sensitivity
VDD = 4.75 V to 5.25 V, 1 σ
±0.08
°/sec/V
Misalignment
Axis-to-frame (package)
±1.0
Degrees
Output Noise
No filtering
0.11
°/sec rms
Rate Noise Density
f = 25 Hz, no filtering
0.00357
°/sec/√Hz rms
3 dB Bandwidth
380
Hz
Sensor Resonant Frequency
15.5
17.5
20
kHz
LOGIC INPUTS1
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Logic 1 Input Current, IIH
VIH = 3.3 V
±0.2
±1
µA
Logic 0 Input Current, IIL
VIL = 0 V
All Pins Except RST
40
60
μA
RST Pin
80
μA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS1
Output High Voltage, VOH
ISOURCE = 1.6 mA
2.4
V
Output Low Voltage, VOL
ISINK = 1.6 mA
0.4
V
FLASH MEMORY
Endurance2
10,000
Cycles
Data Retention2
TJ = 85°C
20
Years
FUNCTIONAL TIMES3
Time until data is available
Power-On Start-Up Time
245
ms
Reset Recovery Time
128
ms
Sleep Mode Recovery Time
2.5
ms
Flash Memory Update
72
ms
Flash Memory Self Test
21
ms
Automatic Sensor Self Test Time
SMPL_PRD ≠ 0x0000
110
ms
CONVERSION RATE
6804
2048
kSPS
Clock Accuracy
SMPL_PRD = 0x000F
±3
%
Sync Input Clock
SMPL_PRD = 0x0000
6804
2048
kHz
POWER SUPPLY
Operating voltage range, VDD
4.75
5.0
5.25
V
Power Supply Current
SMPL_PRD = 0x001F
120
mA
Sleep mode
1.4
mA
1
The digital I/O signals are driven by an internal 3.3 V supply, and the inputs are 5 V tolerant.
2
JEDEC Standard 22, Method A117. Endurance measured at −40°C, +25°C, +85°C, and +125°C.
3
These times do not include thermal settling and internal filter response times, which may affect overall accuracy.
4
The sync input clock and internal sampling clock function below the specified minimum value, at reduced performance levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com