Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16136AMLZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16136AMLZ
Description  짹450째/Sec Precision Angular Rate Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16136AMLZ Datasheet(HTML) 5 Page - Analog Devices

  ADIS16136AMLZ Datasheet HTML 1Page - Analog Devices ADIS16136AMLZ Datasheet HTML 2Page - Analog Devices ADIS16136AMLZ Datasheet HTML 3Page - Analog Devices ADIS16136AMLZ Datasheet HTML 4Page - Analog Devices ADIS16136AMLZ Datasheet HTML 5Page - Analog Devices ADIS16136AMLZ Datasheet HTML 6Page - Analog Devices ADIS16136AMLZ Datasheet HTML 7Page - Analog Devices ADIS16136AMLZ Datasheet HTML 8Page - Analog Devices ADIS16136AMLZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADIS16136
Rev. A | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Acceleration
Any Axis, Unpowered
2000 g
Any Axis, Powered
2000 g
VDD to GND
−0.3 V to +6.0 V
Digital Input Voltage to GND
−0.3 V to +5.3 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C1, 2
1
Extended exposure to temperatures outside the specified temperature
range of −40°C to +105°C can adversely affect the accuracy of the factory
calibration. For best accuracy, store the devices within the specified
operating range of −40°C to +105°C.
2
Although the device is capable of withstanding short term exposure to
150°C, long-term exposure threatens internal mechanical integrity.
Table 4. Package Characteristics
Package Type
θJA
θJC
Device
Weight
24-Lead Module with Connector
Interface
15.7
1.48
25 g
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com