Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16136AMLZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADIS16136AMLZ
Description  짹450째/Sec Precision Angular Rate Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16136AMLZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADIS16136AMLZ Datasheet HTML 12Page - Analog Devices ADIS16136AMLZ Datasheet HTML 13Page - Analog Devices ADIS16136AMLZ Datasheet HTML 14Page - Analog Devices ADIS16136AMLZ Datasheet HTML 15Page - Analog Devices ADIS16136AMLZ Datasheet HTML 16Page - Analog Devices ADIS16136AMLZ Datasheet HTML 17Page - Analog Devices ADIS16136AMLZ Datasheet HTML 18Page - Analog Devices ADIS16136AMLZ Datasheet HTML 19Page - Analog Devices ADIS16136AMLZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADIS16136
Data Sheet
Rev. A | Page 20 of 20
PACKAGING AND ORDERING INFORMATION
OUTLINE DIMENSIONS
Figure 26. 24-Lead Module with Connector Interface
(ML-24-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADIS16136AMLZ
−40°C to +85°C
24-Lead Module with Connector Interface
ML-24-3
ADIS16136/PCBZ
Interface PCB
1
Z = RoHS Compliant Part.
2
ADIS16136/PCBZ includes one ADIS16136AMLZ and one interface PCB. For more information about the interface PCB, see Figure 22.
TOP VIEW
END VIEW
35.854
35.600
35.346
31.350
31.200
31.050
15.700
15.600
15.500
44.254
44.000
43.746
39.750
39.600
39.450
1.00 BSC
(LEAD PITCH)
0.30 BSC SQ
(PIN SIZE)
2.200 TYP
2.200
TYP
2.400 THRU HOLE
(4 PLACES)
5.50 BSC
3.27
3.07
2.87
14.054
13.800
13.546
19.900
19.800
19.700
17.670
17.520
17.370
©2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10249-0-11/11(A)
www.analog.com/ADIS16136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com