Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16136AMLZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16136AMLZ
Description  짹450째/Sec Precision Angular Rate Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16136AMLZ Datasheet(HTML) 4 Page - Analog Devices

  ADIS16136AMLZ Datasheet HTML 1Page - Analog Devices ADIS16136AMLZ Datasheet HTML 2Page - Analog Devices ADIS16136AMLZ Datasheet HTML 3Page - Analog Devices ADIS16136AMLZ Datasheet HTML 4Page - Analog Devices ADIS16136AMLZ Datasheet HTML 5Page - Analog Devices ADIS16136AMLZ Datasheet HTML 6Page - Analog Devices ADIS16136AMLZ Datasheet HTML 7Page - Analog Devices ADIS16136AMLZ Datasheet HTML 8Page - Analog Devices ADIS16136AMLZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADIS16136
Data Sheet
Rev. A | Page 4 of 20
TIMING SPECIFICATIONS
TA = 25°C, VDD = 5 V, unless otherwise noted.
Table 2.
Normal Mode
Parameter
Description
Min1
Typ
Max
Unit
fSCLK
Serial clock
0.01
2.5
MHz
tSTALL
Stall period between data, see Figure 3
15
µs
tREADRATE
Read rate
25
µs
tCS
Chip select to clock edge
48.8
ns
tDAV
DOUT valid after SCLK edge
25
ns
tDSU
DIN setup time before SCLK rising edge
24.4
ns
tDHD
DIN hold time after SCLK rising edge
48.8
ns
tSCLKR, tSCLKF
SCLK rise and fall times
5
12.5
ns
tDR, tDF
DOUT rise and fall times
5
12.5
ns
tSFS
CS high after SCLK edge
0
ns
t1
Input sync positive pulse width
5
µs
t2
Input sync to data ready output
300
µs
t3
Input sync period
488
µs
tx
Input sync low time
100
µs
1
Guaranteed by design and characterization but not tested in production.
Timing Diagrams
Figure 2. SPI Timing and Sequence
Figure 3. Stall Time and Data Rate
Figure 4. Input Clock Timing Diagram
CS
SCLK
DOUT
DIN
1
2
3
4
5
6
15
16
R/W
A5
A6
A4
A3
A2
D2
MSB
DB14
D1
LSB
DB13
DB12
DB10
DB11
DB2
LSB
DB1
tCS
tSFS
tDAV
tDHD
tDSU
CS
SCLK
tREADRATE
tSTALL
t3
tX
t2
t1
SYNC
CLOCK (CLKIN)
DATA
READY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com