Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16136AMLZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADIS16136AMLZ
Description  짹450째/Sec Precision Angular Rate Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16136AMLZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIS16136AMLZ Datasheet HTML 9Page - Analog Devices ADIS16136AMLZ Datasheet HTML 10Page - Analog Devices ADIS16136AMLZ Datasheet HTML 11Page - Analog Devices ADIS16136AMLZ Datasheet HTML 12Page - Analog Devices ADIS16136AMLZ Datasheet HTML 13Page - Analog Devices ADIS16136AMLZ Datasheet HTML 14Page - Analog Devices ADIS16136AMLZ Datasheet HTML 15Page - Analog Devices ADIS16136AMLZ Datasheet HTML 16Page - Analog Devices ADIS16136AMLZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADIS16136
Rev. A | Page 13 of 20
CALIBRATION
The ADIS16136 factory calibration produces correction
formulas for the gyroscope and programs them into the flash
memory. Table 19 contains a list of user control registers that
provide an opportunity for user optimization after installation.
Figure 19 illustrates the summing function of the sensor’s offset
correction register.
Table 19. Registers for User Calibration
Register
Address
Description
GYRO_OFF2
0x08
Gyroscope bias
GYRO_OFF
0x0A
Gyroscope bias
GLOB_CMD
0x28
Bias correction command
Figure 19. Gyroscope Bias Calibration User Controls
The factory calibration addresses initial and temperature
dependent bias errors in the gyroscopes, but some environ-
mental conditions, such as temperature cycling and mechanical
stress on the package, can cause bias shifts in MEMS gyroscope
structures. For systems that value absolute bias accuracy, there
are two options for optimizing absolute bias accuracy: autonull
and manual correction.
AUTOMATIC BIAS CORRECTION (AUTONULL)
Set GLOB_CMD[0] = 1 (DIN = 0xA801) to start the automatic
bias correction (ABC) function, which uses the following
internal sequence to calibrate each gyroscope for bias error:
1. Wait for a complete output data cycle to complete, which
includes the entire average and decimation time in
DEC_RATE.
2. Read the output registers of the gyroscope.
3. Multiply the measurement by −1 to change its polarity.
4. Write the final value into the offset registers.
5. Update the flash memory.
The Allan variance curve shown in Figure 7 provides a trade-off
between bias accuracy and averaging time. The DEC_RATE
register provides a user control for averaging time when using
the ABC function. Set DEC_RATE[7:0] = 0x10 (DIN = 0xA210),
which sets the decimation rate to 65,536 (216) and provides an
averaging time of 64 seconds (65,536 ÷ 1024 SPS) for this function.
Next, set GLOB_CMD[0] = 1 (DIN = 0xA801), and keep the
platform stable for at least 65 seconds while the gyroscope bias
data accumulates.
After this completes, the ADIS16136 automatically updates the
flash memory. When the ABC function starts, the SPI is not active.
The only way to interrupt the ABC function is to remove power
or initiate a hardware reset using the RST pin. When using
DEC_RATE = 0x0010, the 1 σ accuracy for this correction is
approximately 0.001°/sec for the gyroscope correction factor.
See Table 29 for more information on GLOB_CMD.
MANUAL BIAS CORRECTION
The GYRO_OFF and GYRO_OFF2 registers (see Table 20 and
Table 21) provide a bias adjustment function for the output of
each sensor. GYRO_OFF has the same format as GYRO_OUT,
and GYRO_OFF2 has the same format as GYRO_OUT2.
Table 20. GYRO_OFF Bit Descriptions
Bits
Description (Default = 0x0000)
[15:0]
Gyroscope offset correction; twos complement,
0.018275°/sec per LSB
Table 21. GYRO_OFF2 Bit Descriptions
Bits
Description (Default = 0x0000)
[15:0]
Gyroscope offset correction, finer resolution; uses
same format as GYRO_OUT2 (see Table 11)
Restoring Factory Calibration
Set GLOB_CMD[1] = 1 (DIN = 0xA802) to execute the factory
calibration restore function. This function resets each user
calibration register to 0x0000, resets all sensor data to 0, and
automatically updates the flash memory within 72 ms. See
Table 29 for more information on GLOB_CMD.
MEMS
GYRO
FACTORY
CALIBRATION
AND
FILTERING
ADC
GYRO_OUT GYRO_OUT2
GYRO_OFF GYRO_OFF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com