Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16136AMLZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADIS16136AMLZ
Description  짹450째/Sec Precision Angular Rate Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16136AMLZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIS16136AMLZ Datasheet HTML 4Page - Analog Devices ADIS16136AMLZ Datasheet HTML 5Page - Analog Devices ADIS16136AMLZ Datasheet HTML 6Page - Analog Devices ADIS16136AMLZ Datasheet HTML 7Page - Analog Devices ADIS16136AMLZ Datasheet HTML 8Page - Analog Devices ADIS16136AMLZ Datasheet HTML 9Page - Analog Devices ADIS16136AMLZ Datasheet HTML 10Page - Analog Devices ADIS16136AMLZ Datasheet HTML 11Page - Analog Devices ADIS16136AMLZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADIS16136
Data Sheet
Rev. A | Page 8 of 20
THEORY OF OPERATION
The ADIS16136 is an autonomous system that requires no user
initialization. As soon as it has a valid power supply, it initializes
and starts sampling, processing, and loading sensor data into
the output registers. After each sample cycle concludes, DIO1
pulses high. The SPI interface enables simple integration with
many embedded processor platforms, as shown in Figure 10
(electrical connection) and Table 6 (processor pin names and
functions).
Figure 10. Electrical Connection Diagram
Table 6. Generic Master Processor Pin Names and Functions
Pin Name
Function
SS
Slave select
IRQ
Interrupt request
MOSI
Master output, slave input
MISO
Master input, slave output
SCLK
Serial clock
The ADIS16136 SPI interface supports full duplex serial
communication (simultaneous transmit and receive) and uses
the bit sequence shown in Figure 13. Table 7 provides a list of
the most common settings that require attention to initialize a
processor serial port for the ADIS16136 SPI interface.
Table 7. Generic Master Processor SPI Settings
Processor Setting
Description
Master
ADIS16136 operates as a slave
SCLK Rate ≤ 2 MHz
Maximum serial clock rate
SPI Mode 3
CPOL = 1 (polarity), CPHA = 1 (phase)
MSB First Mode
Bit sequence
16-Bit Mode
Shift register/data length
READING SENSOR DATA
A single register read requires two 16-bit SPI cycles. The first
cycle requests the contents of a register using the bit assignments
in Figure 13. Then, the register contents follow on DOUT during
the second sequence. Figure 11 includes three single register reads
in succession. In this example, the process starts with Pin 5,
DIN = 0x0600, to request the contents of the GYRO_OUT
register and follows with 0x0400 to request the contents of the
GYRO_OUT2 register and with 0x0200 to request the contents
of the TEMP_OUT register. Full duplex operation enables pro-
cessors to use the same 16-bit SPI cycle to read data from DOUT
while requesting the next set of data on the DIN pin. Figure 12
provides an example of the four SPI signals when reading
GYRO_OUT in a repeating pattern.
Figure 11. SPI Read Example
Figure 12. SPI Read Example, Second 16-Bit Sequence
Figure 13. SPI Communication Bit Sequence
SYSTEM
PROCESSOR
SPI MASTER
ADIS16136
SCLK
CS
DIN
DOUT
SCLK
SS
MOSI
MISO
5V
IRQ
DIO1
VDD
I/O LINES ARE COMPATIBLE WITH
3.3V OR 5V LOGIC LEVELS
10
6
3
5
4
7
11
12
13
14
15
DIN
DOUT
0x0600
0x0400
0x0200
GYRO_OUT
GYRO_OUT2
TEMP_OUT
DOUT = 1111 1001 1101 1010 = 0xF9DA = –1574 LSBs = –29.765°/sec
DIN = 0000 0110 0000 0000 = 0x0600
CS
SCLK
DIN
DOUT
R/W
R/W
A6
A5
A4
A3
A2
A1
A0
DC7
DC6
DC5
DC4
DC3
DC2
DC1
DC0
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
CS
SCLK
DIN
DOUT
A6
A5
D13
D14
D15
NOTES
1. DOUT BITS ARE PRODUCED ONLY WHEN THE PREVIOUS 16-BIT DIN SEQUENCE STARTS WITH R/W = 0.
2. WHEN CS IS HIGH, DOUT IS IN A THREE-STATE, HIGH-IMPEDANCE MODE, WHICH ALLOWS MULTIFUNCTIONAL USE OF THE LINE
FOR OTHER DEVICES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com