Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16136AMLZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADIS16136AMLZ
Description  짹450째/Sec Precision Angular Rate Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16136AMLZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIS16136AMLZ Datasheet HTML 2Page - Analog Devices ADIS16136AMLZ Datasheet HTML 3Page - Analog Devices ADIS16136AMLZ Datasheet HTML 4Page - Analog Devices ADIS16136AMLZ Datasheet HTML 5Page - Analog Devices ADIS16136AMLZ Datasheet HTML 6Page - Analog Devices ADIS16136AMLZ Datasheet HTML 7Page - Analog Devices ADIS16136AMLZ Datasheet HTML 8Page - Analog Devices ADIS16136AMLZ Datasheet HTML 9Page - Analog Devices ADIS16136AMLZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADIS16136
Data Sheet
Rev. A | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 5. Mating Connector Pin Assignments
Figure 6. Axial Orientation (Bottom Side Facing Up)
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
DIO3
I/O
Configurable Digital Input/Output.
2
DIO4/CLKIN
I
Configurable Digital Input/Output/Clock Input (SMPL_PRD = 0x0000).
3
SCLK
I
SPI Serial Clock.
4
DOUT
O
SPI Data Output. Clocks output on SCLK falling edge.
5
DIN
I
SPI Data Input. Clocks input on SCLK rising edge.
6
CS
I
SPI Chip Select.
7
DIO1
I/O
Configurable Digital Input/Output.
8
RST
I
Reset.
9
DIO2
I/O
Configurable Digital Input/Output.
10, 11, 12
VDD
S
Power Supply.
13, 14, 15
GND
S
Power Ground.
16 to 24
DNC
N/A
Do Not Connect. Do not connect to these pins.
1
I/O is input/output, I is input, O is output, S is supply, N/A is not applicable.
13
14
11
12
9
10
7
8
5
6
3
4
1
2
15
16
17
18
19
20
21
22
23
24
ADIS16136
TOP VIEW
NOTES
1. PINS ARE NOT VISIBLE FROM THIS VIEW. THE PIN ASSIGNMENTS
SHOWN REPRESENT THE MATING CONNECTOR ASSIGNMENTS.
2. USE SAMTEC CLM-112-02 OR EQUIVALENT.
RATE
AXIS
POSITIVE
ROTATION
DIRECTION
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com