Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  Envelope and TruPwr RMS Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5511ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DC to 6 GHz
Envelope and TruPwr RMS Detector
Data Sheet
ADL5511
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Envelope tracking RF detector with output proportional to
input voltage
Separate TruPwr rms output
No balun or external tuning required
Excellent temperature stability
Input power dynamic range of 47 dB
Input frequency range from dc to 6 GHz
130 MHz envelope bandwidth
Envelope delay: 2 ns
Single-supply operation: 4.75 V to 5.25 V
Supply current: 21.5 mA
Power-down mode: 130 μW
APPLICATIONS
RMS power and envelope detection of W-CDMA, CDMA2000,
LTE, and other complex waveforms
Drain modulation based power amplifier linearization
Power amplifier linearization employing envelope-tracking
methods
FUNCTIONAL BLOCK DIAGRAM
RFIN
ENBL
RMS
400Ω
20pF
ENVELOPE
VRMS
VENV
EREF
VPOS
VPOS
VPOS
400Ω
FLT1
FLT2
FLT3
COMM
FLT4
0.8pF
0.4pF
10kΩ
5pF
250Ω
250Ω
100Ω
ADL5511
BIAS AND POWER-
DOWN CONTROL
G = 1.7
G = 1.5
NC
15
14
4
2
3
11
10
9
13 6
7
8 12
16
1
5
Figure 1.
T
–68ns
CH1 200mV Ω
CH2 30.8mV Ω M 100ns
A CH4
1.60V
CH3 200mV
CH4 234mV Ω
CH1 HIGH
20mV
VRMS
VENV
RF INPUT
Figure 2. RMS and Envelope Response to a 20 MHz QPSK-Based LTE Carrier
(Test Model E-TM1_1_20MHz)
GENERAL DESCRIPTION
The ADL5511 is an RF envelope and TruPwr™ rms detector.
The envelope output voltage is presented as a voltage that is
proportional to the envelope of the input signal. The rms
output voltage is independent of the peak-to-average ratio
of the input signal.
The rms output is a linear-in-V/V voltage with a conversion
gain of 1.9 V/V rms at 900 MHz. The envelope output has a
conversion gain of 1.46 V/V at 900 MHz and is referenced to
an internal 1.1 V reference voltage, which is available on the
EREF pin.
The ADL5511 can operate from dc to 6 GHz on signals with
envelope bandwidths up to 130 MHz.
The extracted envelope can be used for RF power amplifier
(PA) linearization and efficiency enhancements and the rms
output can be used for rms power measurement. The high rms
accuracy and fast envelope response are particularly useful for
envelope detection and power measurement of broadband, high
peak-to-average signals that are used in CDMA2000, W-CDMA,
and LTE systems.
The ADL5511 operates from −40°C to +85°C and is available in
a 16-lead, 3 mm × 3 mm LFCSP package.


Similar Part No. - ADL5511ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5511ACPZ-R7 AD-ADL5511ACPZ-R7 Datasheet
1Mb / 28P
DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
ADL5511ACPZ-R7 AD-ADL5511ACPZ-R7 Datasheet
1Mb / 29P
DC to 6 GHz Envelope and TruPwr RMS Detector
Rev. B
ADL5511ACPZ-R7 AD-ADL5511ACPZ-R7 Datasheet
1Mb / 29P
DC to 6 GHz
Jul-2017
ADL5511ACPZ-R7 AD-ADL5511ACPZ-R7 Datasheet
5Mb / 26P
DC to 6 GHz Envelope and TruPwr RMS Detector
Rev. E
More results

Similar Description - ADL5511ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA8044Q ETC1-CXA8044Q Datasheet
37Kb / 2P
BALANCED MODULATOR AND RF ENVELOPE DETECTOR
logo
Analog Devices
AD8361 AD-AD8361_1 Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr??Detector
REV. C
logo
Hittite Microwave Corpo...
HMC1021LP4E HITTITE-HMC1021LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR & ENVELOPE TRACKER, DC - 3.9 GHz
logo
Analog Devices
ADL5511ACPZ AD-ADL5511ACPZ Datasheet
1Mb / 28P
DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
ADL5904 AD-ADL5904 Datasheet
1Mb / 28P
RMS and envelope threshold detection
REV. 0
ADL5511 AD-ADL5511_14 Datasheet
1Mb / 29P
DC to 6 GHz Envelope and TruPwr RMS Detector
Rev. B
ADL6010S AD-ADL6010S Datasheet
1Mb / 14P
Envelope Detector
ADL6012 AD-ADL6012 Datasheet
268Kb / 7P
500 MHz BW Envelope Detector
HMC1021LP4E AD-HMC1021LP4E Datasheet
2Mb / 26P
RMS POWER DETECTOR & ENVELOPE TRACKER
HMC1120LP4E AD-HMC1120LP4E Datasheet
6Mb / 28P
RMS POWER DETECTOR ENVELOPE TRACKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com