Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  Envelope and TruPwr RMS Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADL5511
Rev. A | Page 17 of 28
CIRCUIT DESCRIPTION
The ADL5511 employs a proprietary rectification technique
to strip off the carrier of an input signal to reveal the true
envelope. In this first detection stage, the carrier frequency
is doubled and an on-chip two-pole passive low-pass filter
accurately preserves the envelope and filters out the carrier.
The poles of this filter, as defined by the on-chip RC filters
(0.4 pF, 400 Ω, 0.8 pF, 250 Ω) values allow some carrier
leakthrough for common RF frequencies. This is to ensure
that maximum envelope bandwidth can be maintained.
For more details, see the Basic Connections section.
RFIN
ENBL
RMS
400Ω
20pF
ENVELOPE
VRMS
VENV
EREF
VPOS
VPOS
VPOS
400Ω
FLT1
FLT2
FLT3
COMM
FLT4
0.8pF
0.4pF
10kΩ
5pF
250Ω
250Ω
100
Ω
ADL5511
BIAS AND POWER-
DOWN CONTROL
G = 1.7
G = 1.5
NC
15
14
4
2
3
11
10
9
13
6
7
8
12
16
1
5
Figure 48. Block Diagram
The extracted envelope is further processed in two parallel
channels, one computing the rms value of the envelope and
the other transferring the envelope with appropriate scaling
to the envelope output.
ENVELOPE PROPAGATION DELAY
The delay specified in this data sheet is with no external
capacitor at the FLT2 and FLT3 pins. The delay through the
ADL5511, although very small, depends upon a number of
factors, notable of which are internal filter component values
and op amp compensation capacitors. The delay will vary from
part to part by approximately ±15% due to process variations.
In addition, the choice of external FLT2 and FLT3 values, as
well as load on the VNEV pin will increase the delay. In this
case, the delay variation will be dominated by the part-to-part
tolerance of the external capacitors.
RMS CIRCUIT DESCRIPTION
The rms processing is done using a proprietary translinear
technique. This method is a mathematically accurate rms
computing approach and achieves unprecedented rms
accuracies for complex modulation signals irrespective of
the crest factor of the input signal. An integrating filter
capacitor does the square-domain averaging. The VRMS
output can be expressed as
T1
T2
dt
V
A
VRMS
T2
T1
IN
−
×
×
=
∫ 2
(1)
Note that A is a scaling parameter that is decided on by the on-chip
resistor ratio, and there are no other scaling parameters involved in
this computation, which means that the rms output is inherently
free from any sources of error due to temperature, supply, and
process variation.
RMS FILTERING
The on-chip rms filtering corner is internally set by a 400 Ω resistor
and a 20 pF capacitor, yielding a corner frequency of approximately
20 MHz. Whereas this filters out all carrier frequencies, most of the
modulation envelope is not filtered. For adequate rms filtering,
connect an external filter capacitor between FLT4 (Pin 14) and
VPOS (Pin 15). This capacitance acts on the internal 400 Ω
resistor (see Figure 48) to yield a new corner frequency for the
rms filter given by
pF
20
)
400
π
2
(
1
−
Ω
×
×
=
RMS
FLT4
f
C
(2)
For example, a supply-referenced 0.1 µF capacitor on FLT4
reduces the corner frequency of the rms averaging circuit to
approximately 4 kHz.
RMS filtering has a direct impact on rms accuracy. For most
accurate detection, the rms filter corner should be low enough
to filter out most of the modulation content. This will corre-
spond to a corner frequency that is significantly lower than the
bandwidth of the signal being measured. See the Choosing a
Value for the RMS Averaging Capacitor (CFLT4) section for more
details and filtering options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com