Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  Envelope and TruPwr RMS Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADL5511
Data Sheet
Rev. A | Page 12 of 28
–30
–25
–20
–15
–10
–5
0
5
10
15
–3
–2
–1
0
2
1
3
PIN (dBm)
Figure 22. VENV Output Temperature Drift from +25°C, Three-Point
Calibration for Multiple Devices at −40°C, +25°C, and +85°C at 2140 MHz
–30
–25
–20
–15
–10
–5
0
5
10
15
–3
–2
–1
0
2
1
3
PIN (dBm)
Figure 23. VRMS Output Temperature Drift from +25°C, Three-Point
Calibration for Multiple Devices at −40°C, +25°C, and +85°C at 2140 MHz
–30
–25
–20
–15
–10
–5
0
5
10
15
–3
–2
–1
0
2
1
3
PIN (dBm)
Figure 24. VENV Output Temperature Drift from +25°C, Three-Point
Calibration for Multiple Devices at −40°C, +25°C, and +85°C at 2600 MHz
–30
–25
–20
–15
–10
–5
0
5
10
15
–3
–2
–1
0
2
1
3
PIN (dBm)
Figure 25. VENV Output Delta from +25°C Output Voltage for
Multiple Devices at −40°C and +85°C at 2140 MHz
–30
–25
–20
–15
–10
–5
0
5
10
15
–3
–2
–1
0
2
1
3
PIN (dBm)
Figure 26. VRMS Output Delta from +25°C Output Voltage for
Multiple Devices at −40°C and +85°C at 2140 MHz
–30
–25
–20
–15
–10
–5
0
5
10
15
–3
–2
–1
0
2
1
3
PIN (dBm)
Figure 27. VENV Output Delta from +25°C Output Voltage for
Multiple Devices at −40°C and +85°C at 2600 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com