Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  Envelope and TruPwr RMS Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADL5511
Data Sheet
Rev. A | Page 22 of 28
VRMS AND VENV OUTPUT OFFSET
The 900 MHz RF power sweeps in Figure 53 and Figure 54
show distributions of the VRMS and VENV outputs voltages
for multiple devices at 25°C. The VRMS output response
flattens out at approximately −30 dBm while the various VENV
response traces begin to fanout unpredictably (Figure 4 and
Figure 7 show this behavior at other frequencies). While these
plots suggest that operation at input levels down to −30 dBm is
feasible, account must also be taken for variations over
temperature. Figure 10 to Figure 38 show how the linearity
error starts to increase below input levels of −20 dBm (the
size of the error varies between VENV and VRMS and with
frequency).
1
10
100
1000
10000
–40
–30
–20
–10
0
10
INPUT (dBm)
Figure 53. VRMS Output vs. Input Level Distribution of 50 Devices,
900 MHz Frequency
1
10
100
1000
10000
–40
–30
–20
–10
0
10
INPUT (dBm)
Figure 54. VENV Output vs. Input Level Distribution of 50 Devices,
900 MHz Frequency
DEVICE CALIBRATION AND ERROR CALCULATION
Because slope and intercept vary from device to device,
calibration must be performed to achieve high accuracy.
In general, calibration is performed by applying two or more
known input power levels to the ADL5511 and measuring
the corresponding output voltages. The calibration points
are generally chosen to be within the linear operating range
of the device. For a two-point calibration, the conversion gain
(or slope) and intercept are calculated for VRMS and VENV using the
following equations:
Slope = (VOUT2 − VOUT1)/(VIN2 − VIN1)
(9)
Intercept = VOUT1 − (Slope × VIN1)
(10)
where:
VIN is the rms input voltage to RFIN.
VOUT is the voltage output at VRMS or VENV.
Because the gain and intercept of the rms and envelope paths
will be different, both paths should be calibrated, that is, with a
measured signal applied to RFIN, VENV, and VRMS. To ensure
that the voltage at VENV and VRMS is a steady-state value, a
constant envelope signal such as a sine wave should be used as
the source during calibration.
Once slope and intercept are calculated, an equation can be
written that allows calculation of the input rms or envelope level
using the following equations:
VINRMS = (VRMS − InterceptVRMS)/SlopeRMS
(11)
VINENV = (VENV − InterceptVENV)/SlopeVENV
(12)
The law conformance error, that is, the difference between the
actual input level (VIN_IDEAL) and the measured/calculated input
level (VMEASURED), of these calculations can be calculated using
the following equation:
Error (dB) =
20 × log [(VMEASURED − Intercept)/(Slope × VIN_IDEAL)]
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com