Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  Envelope and TruPwr RMS Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADL5511
Data Sheet
Rev. A | Page 18 of 28
OUTPUT DRIVE CAPABILITY AND BUFFERING
The envelope output of the ADL5511 is presented on the VENV
pin as a single-ended buffered output with low output imped-
ance. To achieve high envelope bandwidth, this output is not
ground referenced, unlike the VRMS output, which is ground
referenced.
The VENV output has a no signal dc value of about 1.1 V.
This dc reference is temperature dependent and is presented
as a standalone reference voltage on the EREF pin and as a
buffered output. The true envelope at any instant of time is
simply (VENV − VEREF), but these two pins do not constitute a
differential output. EREF is a fixed dc voltage and VENV carries
all the envelope information.
The VENV output is capable of supporting a parallel load of
500 Ω and 10 pF at full-scale envelope output and maximum
bandwidth. Lighter loads (higher R and lower C) are always
recommended whenever possible to minimize power
consumption and achieve maximum possible bandwidth.
The maximum source/sink current capacity of the VNEV
output is 15 mA peak and load conditions should be such
that this is not exceeded. The maximum output voltage at
this pin is approximately (VPOS − 1.5) V.
For the case of ac coupling only, the VENV output can drive
a 50 Ω load, as long as the maximum signal swing does not
exceed an amplitude of approximately 1.5 V p-p. This corre-
sponds to the peak signal current of 15 mA into the 50 Ω load.
If a 50 Ω drive capability is desired, the maximum input signal
to ADL5511 should be adjusted, such that this output swing
condition is not exceeded. A 50 Ω load should never be dc
coupled to the VENV output, as it presents a current draw of
>20 mA even for no-signal condition corresponding to 1.1 V
nominal dc voltage at the VENV pin.
The VRMS buffered output can source a maximum current of
3 mA, but is not designed to sink any appreciable amount of
current. If current sink capability is desired at this pin, a shunt
resistance to ground can be connected. The VRMS output has
an on-chip series resistance of 100 Ω, to allow a low-pass
filtering of the residual ripple using a single shunt capacitor
at this pin. Large shunt capacitors at this pin may also require
a shunt resistor to be placed to allow fast discharging of the
capacitor. The internal shunt resistance on the VRMS pin is
10 kΩ. Note that any shunt resistance placed on this pin creates
a resistive divider with the on-chip 100 Ω series resistance.
The EREF output buffer also has 3 mA current sourcing
capability. The internal shunt resistance on this pin through
which any current must be sunk, is 12 kΩ. A capacitor to
ground can be placed on this pin to eliminate any RF or
envelope ripple at this pin to ensure that voltage at this pin
acts as a clean reference for the VENV output for all possible
carrier and envelope frequencies.
Viewing the Envelope on an Oscilloscope
When viewing the VENV output on an oscilloscope, use a low
capacitive FET probe. This reduces the capacitance presented to
the VENV output and avoids the corresponding effects of larger
capacitive loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com