Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  Envelope and TruPwr RMS Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADL5511
Data Sheet
Rev. A | Page 24 of 28
EVALUATION BOARD
Figure 59 shows the schematic of the ADL5511 evaluation board.
This 4-layer board is powered by a single supply in the 4.75 V
to 5.25 V range. The power supply is decoupled by 100 pF and
0.1 µF capacitors.
Table 5 details the various configuration options of the evaluation
board. Figure 60 and Figure 61 show the bottom side and top
side layouts, respectively.
The RF input has a broadband match of 50 Ω using a single
75 Ω resistor at R5.
The VRMS output is accessible via a clip lead (a pad is also
available where an SMA connector is installed). The VENV
output is accessible via an SMA connector. For response-
time critical measurements where stray capacitance must
be minimized, R2 can be removed and a FET probe can be
attached to JP1 (JP1 must be installed).
Figure 59. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com