Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  Envelope and TruPwr RMS Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADL5511
Rev. A | Page 23 of 28
Figure 55 is a plot of this error for VENV at 1900 MHz for a
multiple devices at +25°C, +85°C, and −40°C with calibration
performed at two points, −14 dBm and +5 dBm (notice how
the error at 25°C at the calibration points is zero). These error
plots for all temperatures are calculated using the 25°C slope
and intercept. This is consistent with calibration in a mass
production environment where calibration at temperature is
generally not practical.
–3
–2
–1
0
1
2
3
–30
–25
–20
–15
–10
–5
0
5
10
15
PIN (dBm)
–40°C
+25°C
+85°C
Figure 55. VENV Linearity Error vs. Input Level and Temperature Using a
Two-Point Calibration at 1900 MHz
By adding a third calibration point, the linearity of the
ADL5511 can be enhanced at lower power levels. With
a three-point calibration, calibration coefficients (slope and
intercept) are calculated for each segment (thus, there will
be two slopes and two intercepts).
Figure 56 shows the same data as Figure 55, but with a three-
point calibration (calibration points at −26 dBm, −15 dBm, and
+5 dBm. This helps to extend the usable operating range of the
ADL5511 well below −25 dBm.
–3
–2
–1
0
1
2
3
–30
–25
–20
–15
–10
–5
0
5
10
15
PIN (dBm)
–40°C
+25°C
+85°C
Figure 56. VENV Linearity Error vs. Input Level and Temperature Using a Three-
Point Calibration at 1900 MHz
ERROR VS. FREQUENCY
Figure 57 and Figure 58 show how the VRMS and VENV output
voltages and error vary with input frequency when the
ADL5511 is calibrated at a single frequency. In this example,
the ADL5511 has been calibrated at 25°C at 1.9 GHz. The
plots also show how the output voltage and error vary above
and below this frequency.
–6
–4
–2
0
2
4
6
0
100
200
400
300
500
600
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
VRMS AT –40°C
VRMS AT +25°C
VRMS AT +85°C
ERROR AT –40°C
ERROR AT +25°C
ERROR AT +85°C
Figure 57. VRMS Output vs. Frequency for a Fixed Input Power, PIN = 0 dBm,
Calibration at 1.9 GHz, 25°C
–8
–6
–4
–2
0
2
4
6
8
0
50
100
150
200
250
300
350
400
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
VENV AT –40°C
VENV AT +25°C
VENV AT +85°C
ERROR AT –40°C
ERROR AT +25°C
ERROR AT +85°C
Figure 58. VENV Output vs. Frequency for a Fixed Input Power, PIN = 0 dBm,
Calibration at 1.9 GHz, 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com