Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7945 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7945
Description  White LED Backlight Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7945 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7945 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Rev. 1.00
5
April 13, 2012
HT7945
Typical Application Circuit
LED1
LED2
LED4
LED5
LED7
LED8
LED3
LED6
OSC
AVCC
VCC5
EN
AGND1
AGND2
DIM
COMP
OVP
PGND2
LX2
LX1
PGND1
HT7945
ISET
VIN
10uH
L1
1N5819
D1
4.7uF
C1
IN
0.1uF
C2
C3
4.7uF/50V
R2
33kW
R1
1MW
RSET
10uF
C4
C5
R3
24kW
PWM
EP
VOUT
1.5nF
PGND3
Figure 1
Functional Description
VIN Under-Voltage Lockout – UVLO
The device contains an Input Under Voltage Lockout
(UVLO) circuit. The purpose of the UVLO circuit
is to ensure that the input voltage is high enough for
reliable operation. For low input voltage operation
of 4.5V to 6V, the VREF pin is connected to the VIN
pin (input voltage) to bypass the voltage regulator
in which the inherent voltage drop can degrade low
voltage operation. When input voltage level is below
this range (4.5V to 6V) to 4.0V, then proper use is
not possible. When the input voltage falls below the
under voltage threshold, the internal MOSFET switch
will be turned off. If the input voltage rises beyond
the under voltage lockout hysteresis, it can return to
the original operating situation and does not required
to be powered on again. The UVLO threshold is set
below the minimum input voltage of 3.8V to avoid
any transient VIN drops under the UVLO threshold
causing the converter to turn off.
Current Limit Protection
The device has a cycle-by-cycle current limit to
protect the internal power MOSFET. If the inductor
current reaches the current limit threshold of 2.2A,
the MOSFET will be turned off. It is import to note
that this current limit will not protect the output from
excessive current if the output is short circuited. If an
output short circuit has occurred, excessive current
can damage both the inductor and diode.
Output Voltage Protection
Over-Voltage Protection
The device includes an over-voltage protection
function. If the one of ISEN pins is shorted to
ground or an LED is disconnected from the circuit,
the voltage on the ISEN pin will fall to zero and the
internal power MOSFET will switch with its full duty
cycle. This may cause the output voltage to exceed
its maximum voltage rating, possibly damaging
the device and external components. The internal
over-voltage protection circuitry turns off the power
MOSFET and shuts down the device as soon as the
output voltage exceeds the VOVP threshold. As a result,
the output voltage falls to the level of the input supply
voltage. The device remains in this shutdown mode
until the VOVP is less than its setup threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com