Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7945 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT7945
Description  White LED Backlight Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7945 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT7945 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 11Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Rev. 1.00
7
April 13, 2012
HT7945
Schottky Diode
ItisrecommendedtouseaSchottkydiodewitha
lowforwardvoltagetominimisepowerdissipation
andthereforemaximisetheconverterefficiency.
The average and peak current ratings must be
greaterthanthemaximumoutputcurrentandpeak
inductorcurrent.Therearethreeimportantelectrical
parameterstoconsiderwhenchoosingthediode:
• Thediodemaximumreversevoltagevaluemustbe
greaterthanthemaximumoutputvoltage.
• Shortrecoverytimeandlowforwardvoltage–use
aSchottkydiodetype.
• Diodecurrentratingshouldbegreaterthanthe
maximumloadcurrent.
Compensation Components
TheCOMPpinistheoutputoftheerroramplifierand
mustbeproperlyconnectedtoanexternalRCnetwork
toensureregulatorloopstability.Recommended
valuesare:RComp=24kΩandCComp=1.5nF
Oscillator Frequency Setup
Therearetwofrequencyoptionsavailable.TheOSC
pindefaultswitchingfrequencyis1MHzwhenthepin
isunconnectedand500kHzwhenthepinisconnected
toground.
LED current Setup
TheLEDcurrentcanbesetupusinganexternal
resistorconnectedfromtheISENTpintoground.
Thefollowingequationshowshowthecurrentis
calculated:
ILED(mA)=
RISET(kΩ)
480
ThisshowshowtheLedreferencecurrentcanbe
setupatLED1~8andrepresentsthesensedLED
currentforeachstring.TheLEDcurrentregulation
betweenthestringshasgoodacuracyat±1.5%.
Dimming Control
ThedeviceincludesanexternalPWMsignaldimming
control. PWM dimming control is achieved by
applyinganexternalPWMsignalwithafrequencyof
100Hzto20kHz.Thehighlevelofthissignalmust
begreaterthan2.0Vandthelowlevelmustbeless
than0.8V.A0%dutycyclecorrespondstozeroLED
currentwhilea100%dutycyclecorrespondstofull
LEDcurrent.
Layout Considerations
Circuitboardlayoutisaveryimportantconsideration
for switching regulators if they are to function
properly.Poorcircuitlayoutmayresultinrelated
noise problems. In order to minimise EMI and
switchingnoise,theguidelinesshouldbenoted:
• Alltracksshouldbeaswideaspossible.
• Theinputandoutputcapacitors,CINandCOUT,
shouldbelocatedclosetotheVIN,VOUTand
GNDpins.
• TheSchottkydiode,D1,andinductor,L1,mustbe
locatedclosetotheLXpin.
• TheAGNDanaloggroundpins,andPGNDpower
groundpins,musthaveindependentconnections,
butmustbeconnectedtogetheratsomefinalpoint
ontheusercircuitboard.
A recommended PCB layout with component
locationsisenclosed.
Top Layer
Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com