Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7945 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7945
Description  White LED Backlight Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7945 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7945 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev. 1.00
1
April 13, 2012
Rev. 1.00
PB
April 13, 2012
HT7945
White LED Backlight Driver
Features
• Maxinputvoltage:26V
• IntegratedPowerMosfet
• Outputvoltageupto40Vdriving11series
LEDs–LEDVf(max)=3.5Vperstring–absolute
maxratingupto44V
• ChannelPhaseShiftPWMDimming
• Drivesupto12LEDstringsunderVf(max.)=3.3V
condition
• Lowstringfeedbackvoltage:0.8Vat20mALED
current
• Switchingfrequency:500kHz/1MHz
• 8-stringconstantcurrentoutput
• LEDcurrentadjustablefrom15mAto30mA
• ±1.5%currentmatchingbetweenstrings
• PWMdimmingcontrol
• 1%minimumdimmingduty-cycleat2kHz
• Integratedsoftstartfunction
• LEDfailuredetection:openandshortcircuit
• Capacitortype:ceramic
• Protection:OVP,OTP,UVLO,SWcurrentlimit
• Small24-pinoutlinepackage:4mm×4mm,
thinQFNtype
Applications
• LEDbacklightsfornotebookandtabletPC
General Description
TheHT7945isahighefficiencyDC-DCcontroller
whichcandrivemultipleWLEDsconnectedina
series/parallelconfiguration.Thedevicehasawide
inputvoltage,rangingfrom4.5Vto26V,andan
adjustable15mAto30mAWLEDcurrent,setupusing
anexternalresistor.Intotal,thedevicecansupportup
to88WLED.
Inaddition,eightcurrentsinkregulatorsprovide
±1.5%highprecisioncurrentmatchingbetween
strings.Thebrightnesscanbeadjustedbyanexternal
PWMsignalwithfrequencyupto20kHz.Oncean
open/shortstringisdetected,thatstringisdisabled
whiletheotherstringscontinuetooperatenormally.
Otherprotectionincludessoft-start,undervoltage
lockout, programmable over voltage protection,
switchcurrentlimitandthermalshutdown.
TheHT7945issuppliedinaQFN24pin4x4tiny
footprintpackagetype


Similar Part No. - HT7945

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT7913E HOTCHIP-HT7913E Datasheet
983Kb / 6P
A linear charging model in the built-in maximum 1 A linear charging mode
logo
Holtek Semiconductor In...
HT7936A HOLTEK-HT7936A Datasheet
1Mb / 16P
White LED Step-up Charge Pump Converter
December 28, 2009
HT7936A HOLTEK-HT7936A Datasheet
1Mb / 16P
White LED Step-up Charge Pump Converter
HT7936A HOLTEK-HT7936A_10 Datasheet
1Mb / 16P
White LED Step-up Charge Pump Converter
HT7936A HOLTEK-HT7936A_16 Datasheet
1Mb / 15P
White LED Step-up Charge Pump Converter
June 25, 2016
More results

Similar Description - HT7945

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8843 AD-ADM8843 Datasheet
330Kb / 16P
4 White LED Backlight Driver
10/04-Revision 0
logo
New Japan Radio
NJW4600 NJRC-NJW4600 Datasheet
190Kb / 2P
White LED Driver for Backlight
NJW4603 NJRC-NJW4603 Datasheet
189Kb / 2P
White LED Driver for Backlight
NJW4610 NJRC-NJW4610 Datasheet
153Kb / 1P
Constant Current Type White LED Driver for Backlight
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070 Datasheet
1Mb / 34P
LED Backlight Driver
Rev 0; 9/14
logo
STMicroelectronics
STLA02PUR STMICROELECTRONICS-STLA02PUR Datasheet
732Kb / 23P
White LED driver for display backlight
February 2011 Rev 1
logo
Analog Devices
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
Four White LED Backlight Driver
REV. C
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
16 channel white LED driver for LCD backlight
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
LED Backlight Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com