Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7945 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7945
Description  White LED Backlight Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7945 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7945 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Rev. 1.00
4
April 13, 2012
HT7945
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
Electrical Characteristics
Refer to circuit of Figure 1, EN =VIN = 12V, AVDD = VCC5, Ta=25°C, unless otherwise specified. (Note)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Supply Selection
IN Input Voltage
VIN=VCC5
4.5
—
6.0
V
VCC5=Open
6.0
—
26.0
IN Quiescent Current
EN=VIN
—
3.3
—
mA
EN=GND
—
—
10
μA
VCC5 Output Voltage
6.0V < VIN < 29V,
(Only for internal circuit used)
4.9
5.2
5.6
V
VCC5 UVLO Threshold
Rising edge,
typical hysteresis=85mV
3.6
3.8
4.0
V
Boost Selection
Switching Frequency
OSC=AGND
335
500
665
kHz
OSC=VCC5
0.67
1.00
1.33
MHz
LX_Internal MOSFET Current Limit
—
—
2.2
—
A
LX_Internal MOSFET RDS(ON)
—
—
0.35
1.50
Ω
Maximum Duty Cycle
—
—
94
—
%
Control Selection
Enable High Level Threshold Voltage
—
2
—
—
V
Enable Low Level Threshold Voltage
—
—
—
0.8
Dimming PWM Frequency
—
—
2
—
kHz
Dimming PWM High Level Threshold
—
2
—
—
V
Dimming PWM Low Level Threshold
—
—
—
0.8
LED_Selection
LED_Current
RISET=24K
19.2
20.0
20.8
mA
LED_Current Regulation Between Strings
ILED=20mA
—
±1.5
±2.5
%
LED_Open Detector Threshold
LED_=Open
300
400
500
mV
LED_Short Detector Threshold
LED_=VOUT
5.2
5.6
6.0
V
OVP Threshold Voltage
—
1.21
1.28
1.35
V
Thermal Selection
Thermal Shutdown Temperature
—
—
140
—
°C
Thermal Shutdown Hysteresis
—
—
50
—
Note:Specificationsoverthe-40°Cto85°Coperatingtemperaturerangeareassuredbydesign.
Absolute Maximum Ratings
IN,EN....................................................................28V
LED1~LED8,LX1,LX2.......................................44V
AVDD,OVP.............................................................6V
DIM........................................................................30V
OperatingTemperatureRange............... -40°C~+85°C
MaximumJunctionTemperature.....................+165°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com