Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7945 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT7945
Description  White LED Backlight Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7945 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT7945 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 11Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Rev. 1.00
10
April 13, 2012
HT7945
Package Information
Notethatthepackageinformationprovidedhereisforconsultationpurposesonly.Asthisinformationmaybe
updatedatregularintervalsusersareremindedtoconsulttheHoltekwebsite(http://www.holtek.com.tw/english/
literature/package.pdf)forthelatestversionofthepackageinformation.
SAW Type 24-pin (4mm×4mm) QFN Outline Dimensions
OSE
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.028
―
0.031
A1
0.000
0.001
0.002
A3
―
0.008
―
b
0.008
0.010
0.012
D
0.156
0.157
0.159
E
0.156
0.157
0.159
e
―
0.020
―
D2
0.106
0.108
0.110
E2
0.106
0.108
0.110
L
0.010
0.012
0.014
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
0.70
―
0.80
A1
0.00
0.02
0.04
A3
―
0.20
―
b
0.20
0.25
0.30
D
3.95
4.00
4.05
E
3.95
4.00
4.05
e
―
0.50
―
D2
2.70
2.75
2.80
E2
2.70
2.75
2.80
L
0.25
0.30
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com