Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7945 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT7945
Description  White LED Backlight Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7945 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT7945 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Rev. 1.00
6
April 13, 2012
HT7945
LED Open Detector Protection
ThedeviceincludesanLEDopenprotectionfunction.
IfanyoneofISENpinsisdisconnectedfromthe
LEDload,thedevicewillstopdrivingtheISEN
pin,automaticallyignoringtheopenpin.TheLED
currentoftheotherISENpinswillnotbeinfluenced
byanyopenISENpin.WhentheopenISENpins
arere-connectedtotheLEDload,therewillbeno
current.TheseISENpinswillremaindisableduntil
thepowerisrecycled.
LED Short Detector Protection
ThedeviceincludesanLEDshortcircuitprotection
function.Ifmorethan2~3LEDsareshortcircuited
onanyISENpinorthevoltageleveloftheISENpin
isgreaterthan5.6V,thedevicewillturnoffthatISEN
pinandautomaticallyignoretheshortedpin.The
LEDcurrentofotherISENpinswillnotbeinfluenced
byanyshortedISENpins.IfevenonlyoneISENpin
remainsoperationalduetoshortsonotherpins,itwill
stillmaintainnormaloperation.TheshortedISEN
pinsremaindisableduntilthepowerisrecycled.
Over-Temperature protection – OTP
Aninternalthermalshutdownfunctionisincluded
topreventdevicedamageduetoexcessiveheatand
powerdissipation.Typically,thethermalshutdown
thresholdofis140°C.Whenthethermalshutdown
functionisactivated,thedevicestopsswitchinguntil
thetemperaturefallstobelow90°Ctypically.When
thisoccursthedeviceresumesswitchingonceagain.
Soft Start Function
Converteroperationstartsimmediatelyafterpower
on.Inordertoavoidthepossibilityoflargein-rush
currentstotheloadduringthispoweronperiod,a
soft-startfunctionisimplementedtopreventthis
problemfromoccurring.
Application Information
Inductor Selection
Theinductorchoiceaffectssteadystateoperationas
wellastransientbehaviorandloopstability.Thereare
threeimportantelectricalparameterswhichneedtobe
consideredwhenchoosinganinductor:
• Theinductorvalue
• DCR–copperwireresistance
• Thesaturationcurrent
Inductor choice is especially important as it is
requiredtoensuretheinductordoesnotsaturate
underitspeakcurrentconditions.Thegeneralrule
istokeeptheinductorcurrentpeak-to-peakrippleat
approximately30%ofthenominaloutputcurrent.
Asatypicalexample,whenusingtheHT7943boost
converter, operating in both discontinuous and
continuousconductionmodes,thetypicalapplication
circuitvalueoftheinductor,L1,wouldbearound
10μH.
Input/Output Capacitor
Output Capacitor
Theoutputcapacitordeterminesthesteadystate
outputvoltageripple.Inthecompensationparameters,
theoutputcapacitorisoneoftheparameters,andif
thecapacitanceistoobigortoosmall,itcancause
systeminstability.Itsvaluemustbebasedonthe
applicationcircuitrecommendedoutputcapacitor
value.AlowESRceramiccapacitorisrequiredto
keepnoisetoaminimum.A4.7μFceramiccapacitor
issuitablefortypicalapplications.
Input Capacitor
Aninputcapacitorisrequiredtosupplytheripple
currenttotheinductorandisalsousedtolimitthe
inputnoise,allowingthedevicetoobtainastable
DCpowersupply.Astheinputcapacitanceisnot
a compensation parameter there are no stability
problems, however a capacitor must always be
connectedalongwithaninputpowersupply.For
typicalapplications,a4.7μFceramiccapacitoris
sufficient.Thiscapacitormustbeconnectedvery
closetotheVINpinandinductor,withshorttraces
forgoodnoiseperformance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com