Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7945 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7945
Description  White LED Backlight Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7945 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7945 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7945 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev. 1.00
3
April 13, 2012
HT7945
Pin Assignment
LED7
LED8
1
6
7
18
12
19
13
24
Exposed Pad
EN
DIM
LED1
ISET
AGND1
COMP
LX1
LX2
PGND2
TOP VIEW
PGND3
HT7945
24 QFN-A
4mm x 4mm
Pin Description
PIN
Name
Description
1
EN
Enable Input.
When low, the device is powered down. If tied high or left open, the device is active.
2, 10
AGND1, AGND2 Analog ground
3
COMP
Error Amplifier Output.
A simple RC series is connected between this pin and the analog ground for boost
regulator loop compensation.
4
DIM
Dimming Input.
LED backlight strings PWM control pin.
5
ISET
Full Scale LED Current Adjustment Pin.
Selection implemented by connection a resistor beteen this pin and the analog ground.
6~9,
11~14
LED1 ~
LED8
LED current sink.
Internal regulator open-drain outputs Can sink up to 30mA. If unused, the pins should
be left open.
15, 16
LX2, LX1
Switching Node.
Internal Power MOSFET drain output. Inductor and Schottky diode are connected to
these pins.
17~19
PGND1 ~
PGND3
Power Ground.
Power MOSFET return path.
20
IN
Input Voltage.
Input voltage range from 4.5V to 26V. Bypass IN to analog ground directly at the pin
with 0.1uF or greater ceramic capacitor.
21
VCC5
Internal 5.2V LDO Output.
Bypass to analog ground with a 10uF or greater ceramic capacitor. If VIN is less than
or equal to 6.0V, connect VCC5 to IN to disable the internal LDO.
22
AVDD
Power MOSFET Gate Drive Supply.
Bypass AVDD to analog ground with a ceramic capacitor of 10uF or greater.
23
OVP
Over Voltage Protection.
Used to set the desired OVP threshold using an external resistor divider. The detector
threshold is 1.28V (typ.) VOVP=VOUT+3V.
24
OSC
Oscillator Frequency Selection.
Connect OSC to VCC5 to set the oscillator frequency to 1MHz. Connect OSC to analog
ground to set the frequency to 500kHz.
—
E.P.
Exposed Pad.
Connect to GND plane of the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com