Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6519KW Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MMA6519KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6519KW Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MMA6519KW Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Sensor
22
Freescale Semiconductor, Inc.
MMA65xx
3.3
Voltage Regulators
Separate internal voltage regulators supply the analog and digital circuitry. External filter capacitors are required, as shown in
Figure 1. The voltage regulator module includes voltage monitoring circuitry which indicates a device reset until the external sup-
ply and all internal regulated voltages are within predetermined limits. A reference generator provides a stable voltage which is
used by the
ΣΔ converters.
Figure 8. Power Supply Block Diagram
Figure 9. Voltage Monitoring
VREGA
VREG
VCC
TRACKING
REGULATOR
VOLTAGE
REGULATOR
REFERENCE
GENERATOR
VREGA = 2.50 V
DIGITAL
LOGIC
DSP
OTP
ARRAY
PRIMARY
OSCILLATOR
ΣΔ
CONVERTER
BIAS
GENERATOR
TRIM
TRIM
VREF = 1.250 V
VREG = 2.50 V
BANDGAP
REFERENCE
Tracks VREGA
SET DEVRES Flag
VCC
VREGA
VREG
VREF
MONITOR
BANDGAP
VCCUV
VREGOV
VREGUV
VREGAUV
VREGAOV
VREFOV
VREFUV
GROUND LOSS
MONITOR
VREG
POR
VBGMON
VPORREF
Note: No external access to reference voltage
Limits verified by characterization only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com