Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6519KW Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MMA6519KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6519KW Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MMA6519KW Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
Sensor
Freescale Semiconductor, Inc.
25
MMA65xx
3.7
ΣΔ Converter
A sigma delta converter provides the interface between the transducer and the DSP. The output of the
ΣΔ converter is a data
stream at a nominal frequency of 1 MHz.
Figure 11.
ΣΔ Converter Block Diagram
3.8
Digital Signal Processing Block
A digital signal processing (DSP) block is used to perform signal filtering and compensation operations. A diagram illustrating
the signal processing flow is shown in Figure 12.
Figure 12. Signal Chain Diagram
1-BIT
QUANTIZER
z-1
1 - z-1
z-1
1 - z-1
FIRST
INTEGRATOR
SECOND
INTEGRATOR
α
1=
β
1
α
2
β
2
VX
CINT1
g-CELL
CBOT
CTOP
ΔC = C
TOP - CBOT
ΣΔ_OUT
V =
±2 × V
REF
ADC
DAC
V =
ΔC x V
X / CINT1
ΣΔ_OUT
To SPI
To ARM_x
A
B
C
EG
To SPI
H
I
DF
SINC Filter
Section 3.8.2
Low Pass Filter
Section 3.8.3
Compensation
Section 3.8.6
Interpolation
Section 3.8.7
Offset Cancellation
Section 3.8.4
Offset Cancellation
Output Scaling
Raw Output
Scaling
Arm/PCM Output
Section 3.8.9
Section 3.8.10
Table 26. Signal Chain Characteristics
Description
Sample
Time (
μs)
Data Width
Bits
Over Range
Bits
Effective
Bits
Rounding
Resolution Bits
Typical Block
Latency
Reference
ASD
1
1
1
3.2
μs
Section 3.7
B
SINC Filter
8
14
13
11.2
μs
Section 3.8.2
C
Low Pass Filter
8/16
20
4
12
4
Reference
Section 3.8.3
Section 3.8.3
D
Compensation
8/16
20
4
12
4
7.875
μs
Section 3.8.6
E
Interpolation
4/8
20
4
12
4
ts / 2
Section 3.8.8
F
Offset
Cancellation
256
20
4
12
4
N/A
Section 3.8.4
GH
SPI Output
4/8
—
—
12
—
ts / 2
I
PCM Output
4/8
—
—
9
—
Section 3.8.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com