Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6519KW Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MMA6519KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6519KW Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MMA6519KW Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 49Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 50Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 51Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 52Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 53Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 54Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 55Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 56Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
Sensor
52
Freescale Semiconductor, Inc.
MMA65xx
4.5.5
Internal Error
The following errors will result in an internal error, and set the IDE bit in the DEVSTAT register:
•
OTP CRC Failure
•
Writable Register CRC Failure
•
Self Test Error
•
Invalid internal logic states
4.5.5.1
CRC Error
If the IDE bit is set in the DEVSTAT register due to one or more of the following errors, the device will respond to acceleration
data requests with an “Internal Error Present” response until the IDE bit is cleared in the DEVSTAT register.
•
An OTP Shadow Register CRC failure as described in Section 3.2
•
A Writable Register CRC failure as described in Section 3.2
•
A clock monitor CRC failure as described in Section 3.4.2
The arming function will not be updated on Acceleration Data Request commands if a CRC Error is detected. The PCM output
is not affected by the CRC error.
If the CRC error is in the writable register array, and the ENDINIT bit in the DEVCFG register has been set, the error can only
be cleared by a device reset. The IDE bit will not be cleared on a read of the DEVSTAT register.
If the CRC error is in the OTP shadow register array, the error cannot be cleared.
Register operations will be executed as specified in Section 4.4.
4.5.5.2
Self Test Error
If the IDE bit is set in the DEVSTAT register due to a Self Test activation failure, the device will respond to acceleration data
requests with a “Self Test Error” response until the IDE bit is cleared in the DEVSTAT register. The arming function will not be
updated on Acceleration Data Request commands if a Self Test Error is detected. The PCM output is not affected by the Self Test
Error. The IDE bit in the DEVSTAT register will remain set until a read of the DEVSTAT register occurs, even if the internal failure
is removed. If the internal error is still present when the DEVSTAT register is read, the IDE bit will remain set.
Register operations will be executed as specified in Section 4.4.
4.5.6
Offset Monitor Error
If an offset monitor error is present as described in Section 3.8.5, the OFFSET_X or OFFSET_Y bit in the DEVSTAT register
will be set. The device will respond to an acceleration request for the corresponding axis with an “Internal Error Present” response
until the OFFSET_X or OFFSET_Y bit is cleared in the DEVSTAT register. The arming function will not be updated. Once the
error condition is removed, the OFFSET_X or OFFSET_Y bit in the DEVSTAT register will remain set until a read of the DEVSTAT
register occurs.
The PCM output is not affected by the offset monitor over range condition.
Register operations will be executed as specified in Section 4.4.
4.6
Initialization SPI Response
The first data transmitted by the device following reset is the SPI Error response shown in Table 30. This ensures that an un-
expected reset will always be detectable. The device will respond to all acceleration data requests with the “Invalid Acceleration
Data Request” response until the DEVRES bit in the DEVSTAT register is cleared via a read of the DEVSTAT register. The arming
function will not be updated on Acceleration Data Request commands until the DEVRES bit in the DEVSTAT register is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com