Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6519KW Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MMA6519KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6519KW Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MMA6519KW Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Sensor
Freescale Semiconductor, Inc.
13
MMA65xx
3.1.1
Device Serial Number Registers
A unique serial number is programmed into the serial number registers of each device during manufacturing. The serial num-
ber is composed of the following information:
Serial numbers begin at 1 for all produced devices in each lot, and are sequentially assigned. Lot numbers begin at 1 and are
sequentially assigned. No lot will contain more devices than can be uniquely identified by the 13-bit serial number. Depending on
lot size and quantities, all possible lot numbers and serial numbers may not be assigned.
The serial number registers are included in the OTP shadow register array CRC verification. Reference Section 3.2.1 for de-
tails regarding the CRC verification. Beyond this, the contents of the serial number registers have no impact on device operation
or performance, and are only used for traceability purposes.
3.1.2
Self Test Deflection Registers (STDEFL_X, STDEFL_Y)
These read-only registers provide the nominal self test deflection values for each axis at ambient temperature. The self test
value is a positive deflection value, measured at the factory, and factory programmed for each device. The minimum stored value
($00) equates to the minimum deflection specified in Section 2.4 (
ΔST
MIN), and the maximum stored value ($FF) equates to the
maximum deflection specified in Section 2.4 (
ΔST
MAX).
When self test is activated, the acceleration reading can be compared to the value in this register. The difference from the
measured deflection value, and the nominal deflection value stored in the register shall not fall outside the self test accuracy limits
specified in Section 2.4 (
ΔST
ACC). Reference Section 3.6 for more details on calculating the self test limits.
3.1.3
Factory Configuration Registers
The factory configuration registers are one time programmable, read only registers which contain customer specific device
configuration information that is programmed by Freescale.
Bit Range
Content
S12 - S0
Serial Number
S31 - S13
Lot Number
Table 4. Self Test Deflection Registers
Location
Bit
Address
Register
76
5432
10
$04
STDEFL_X
STDEFL_X[7]
STDEFL_X[6]
STDEFL_X[5]
STDEFL_X[4]
STDEFL_X[3]
STDEFL_X[2]
STDEFL_X[1]
STDEFL_X[0]
$05
STDEFL_Y
STDEFL_Y[7]
STDEFL_Y[6]
STDEFL_Y[5]
STDEFL_Y[4]
STDEFL_Y[3]
STDEFL_Y[2]
STDEFL_Y[1]
STDEFL_Y[0]
Table 5. Factory Configuration Register
Location
Bit
Address
Register
7654
3210
$06
FCTCFG_X
1000
0001
$07
FCTCFG_Y
1000
0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com