Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6519KW Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MMA6519KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6519KW Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MMA6519KW Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Sensor
Freescale Semiconductor, Inc.
19
MMA65xx
3.1.10
Arming Threshold Registers (ARMT_XP, ARMT_XN, ARMT_YP, ARMT_YN)
The arming threshold registers contain the X-axis and Y-axis positive and negative thresholds to be used by the arming func-
tion. Refer to Section 3.8.10 for more details regarding the arming function.
The arming threshold registers can be written during initialization but are locked once the ENDINIT bit is set. Refer to
Section 3.1.6.3. The arming threshold registers are included in the writable register CRC check. Refer to Section 3.2.2 for details.
Table 16. Y-Axis Positive Arming Window Size Definitions (Moving Average Mode)
AWS_YP[1]
AWS_YP[0]
Y-Axis Positive Window Size
00
2
01
4
10
8
11
16
Table 17. Y-Axis Negative Arming Window Size Definitions (Moving Average Mode)
AWS_YN[1]
AWS_YN[0]
Y-Axis Negative Window Size
00
2
01
4
10
8
11
16
Table 18. Arming Count Limit Definitions (Count Mode)
AWS_XN[1]
AWS_XN[0]
AWS_XP[1]
AWS_XP[0]
X-Axis Sample Count Limit
Don’t Care
Don’t Care
0
0
1
Don’t Care
Don’t Care
0
1
3
Don’t Care
Don’t Care
1
0
7
Don’t Care
Don’t Care
1
1
15
Table 19. Arming Count Limit Definitions (Count Mode)
AWS_YN[1]
AWS_YN[0]
AWS_YP[1]
AWS_YP[0]
Y-Axis Sample Count Limit
Don’t Care
Don’t Care
0
0
1
Don’t Care
Don’t Care
0
1
3
Don’t Care
Don’t Care
1
0
7
Don’t Care
Don’t Care
1
1
15
Table 20. Arming Threshold Registers
Location
Bit
Address
Register
7654
3210
$10
ARMT_XP
AT_XP[7]
AT_XP[6]
AT_XP[5]
AT_XP[4]
AT_XP[3]
AT_XP[2]
AT_XP[1]
AT_XP[0]
$11
ARMT_YP
AT_YP[7]
AT_YP[6]
AT_YP[5]
AT_YP[4]
AT_YP[3]
AT_YP[2]
AT_YP[1]
AT_YP[0]
$12
ARMT_XN
AT_XN[7]
AT_XN[6]
AT_XN[5]
AT_XN[4]
AT_XN[3]
AT_XN[2]
AT_XN[1]
AT_XN[0]
$13
ARMT_YN
AT_YN[7]
AT_YN[6]
AT_YN[5]
AT_YN[4]
AT_YN[3]
AT_YN[2]
AT_YN[1]
AT_YN[0]
Reset Value
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com