Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6519KW Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MMA6519KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6519KW Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MMA6519KW Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Sensor
Freescale Semiconductor, Inc.
43
MMA65xx
3.10
Device Initialization
Following power-up, under-voltage reset, or a SPI reset command sequence, the device proceeds through an internal initial-
ization process as shown below. Figure 34 also shows the device performance for an example external system level initialization
procedure.
Figure 34. Initialization Process
Dly
POR
OTP Copy to
Mirror Registers
Offset Cancellation
Startup Phase 2
Initialize R/W
Registers to
Desired State
Verify X-Axis
Offset
Verify X-Axis
Self Test &
ARM_X Asserted
Verify Y-Axis
Offset & ARM_Y
DeAsserted
Verify X-Axis
Offset & ARM_X
DeAsserted
Verify Y-Axis
Self Test &
ARM_Y Asserted
Verify X-Axis
Offset & ARM_X
DeAsserted
Verify Y-Axis
Offset & ARM_Y
DeAsserted
Offset Cancellation
Startup Phase 1
Offset Cancellation
Startup Phase 3
Offset Cancellation
Normal Mode
Ready for SPI
Command
ENDINIT Clear
Dly
Dly
Dly
Re-Initialize
R/W Registers
(if needed)
Activate
X-Axis
Self Test
Internal
Offset Error
Corrected to ‘0’
DeActivate
X-Axis
Self Test
Activate
Y-Axis
Self Test
DeActivate
Y-Axis
Self Test
Normal
Mode
Internal Initialization
External Initialization
Delay
DeAssertion
Dependent on Pulse
Stretch and/or Arming Mode
DeAssertion
Dependent on Pulse
Stretch and/or Arming Mode
Assertion
Dependent on
Arming Mode
Assertion
Dependent on
Arming Mode
Set ENDINIT
Read DEVSTAT
to clear flags
Re-read DEVSTAT
to verify Status
tST_OMB
tOC_PHASE1
tOC_PHASE2
tOC_PHASE3
tOP
and
X_ST
Y_ST
X_ARM
Y_ARM
Notes:1) X-Axis and Y-Axis Self Test can be enabled and evaluated simultaneously to reduce test time.
For failure mode coverage of the arming pins and of potential common axis failures, Freescale recommends independent self test activation.
tSTRISE
2) tSTRISE and tSTFALL are dependent on the selected LPF group delay.
tSTFALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com