Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6519KW Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA6519KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6519KW Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA6519KW Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6519KW Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Sensor
6
Freescale Semiconductor, Inc.
MMA65xx
2.3
Electrical Characteristics - Power Supply and I/O
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, |ΔTA| < 25 K/min unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
18
Supply Current
*
IDD
4.0
—
8.0
mA
(1)
19
20
21
22
23
24
25
26
Power Supply Monitor Thresholds (See Figure 9)
VCC Under Voltage (Falling)
VREG Under Voltage (Falling)
VREG Over Voltage (Rising)
VREGA Under Voltage (Falling)
VREGA Over Voltage (Rising)
Power Supply Monitor Hysteresis
VCC Under Voltage
VREG Under Voltage, VREG Over Voltage
VREGA Under Voltage, VREGA Over Voltage
*
*
*
*
*
VCC_UV_f
VREG_UV_f
VREG_OV_r
VREGA_UV_f
VREGA_OV_r
VHYST
VHYST
VHYST
2.74
2.10
2.65
2.20
2.65
65
20
20
—
—
—
—
—
100
100
100
3.02
2.25
2.85
2.35
2.85
110
210
150
V
V
V
V
V
mV
mV
mV
(3,6)
(3,6)
(3,6)
(3,6)
(3,6)
(3)
(3)
(3)
27
28
29
Power Supply RESET Thresholds
(See Figure 6, and Figure 9)
VREG Under Voltage RESET (Falling)
VREG Under Voltage RESET (Rising)
VREG RESET Hysteresis
*
*
VREG_UVR_f
VREG_UVR_r
VHYST
1.764
1.876
80
—
—
—
2.024
2.152
140
V
V
mV
(3,6)
(3,6)
(3)
30
31
Internally Regulated Voltages
VREG
VREGA
*
*
VREG
VREGA
2.42
2.42
2.50
2.50
2.58
2.58
V
V
(1,3)
(1,3)
32
33
External Filter Capacitor (CVREG, CVREGA)
Value
ESR (including interconnect resistance)
CVREG, CVREGA
ESR
700
—
1000
—
1500
400
nF
m
Ω
(19)
(19)
34
35
Power Supply Coupling
50 kHz
≤ f
n ≤ 300 kHz
4 MHz
≤ f
n ≤ 100 MHz
—
—
—
—
0.004
0.004
LSB/mv
LSB/mv
(19)
(19)
36
37
Output High Voltage (MISO, PCM_X, PCM_Y)
3.15V
≤ (V
CC - VSS) ≤ 3.45V (ILoad = -1 mA)
4.75V
≤ (V
CC - VSS) ≤ 5.25V (ILoad = -1 mA)
*
*
VOH_3
VOH_5
VCC - 0.2
VCC - 0.4
—
—
—
—
V
V
(2,3)
(2,3)
38
39
Output Low Voltage (MISO, PCM_X, PCM_Y)
3.15V
≤ (V
CC - VSS) ≤ 3.45V (ILoad = 1 mA)
4.75V
≤ (V
CC - VSS) ≤ 5.25V (ILoad = 1 mA)
*
*
VOL_3
VOL_5
—
—
—
—
0.2
0.4
V
V
(2,3)
(2,3)
40
41
Open Drain Output High Voltage (ARM_X, ARM_Y)
3.15V
≤ (V
CC - VSS) ≤ 3.45V (IARM = -1 mA)
4.75V
≤ (V
CC - VSS) ≤ 5.25V (IARM = -1 mA)
*
*
VODH_3
VODH_5
VCC - 0.2
VCC - 0.4
—
—
—
—
V
V
(2,3)
(2,3)
42
43
Open Drain Output Pulldown Current (ARM_X, ARM_Y)
3.15V
≤ (V
CC - VSS) ≤ 3.45V (VARM = 1.5V)
4.75V
≤ (V
CC - VSS) ≤ 5.25V (VARM = 1.5V)
*
*
IODPD_3
IODPD_5
50
50
—
—
100
100
μA
μA
(2,3)
(2,3)
44
45
Open Drain Output Low Voltage (ARM_X, ARM_Y)
3.15V
≤ (V
CC - VSS) ≤ 3.45V (IARM = 1 mA)
4.75V
≤ (V
CC - VSS) ≤ 5.25V (IARM = 1 mA)
*
*
VODH_3
VODH_5
—
—
—
—
0.2
0.4
V
V
(2,3)
(2,3)
46
47
Open Drain Output Pullup Current (ARM_X, ARM_Y)
3.15V
≤ (V
CC - VSS) ≤ 3.45V (VARM = 1.5V)
4.75 V
≤ (V
CC - VSS) ≤ 5.25V (VARM = 1.5V)
*
*
IODPU_3
IODPU_5
-100
-100
—
—
-50
-50
μA
μA
(2,3)
(2,3)
48
Input High Voltage CS, SCLK, MOSI
*
VIH
2.0
—
—
V
(3,6)
49
Input Low Voltage CS, SCLK, MOSI
*
VIL
——
1.0
V
(3,6)
50
Input Voltage Hysteresis CS, SCLK, MOSI
*
VI_HYST
0.125
—
0.500
V
(19)
51
52
Input Current
High (at VIH) (SCLK, MOSI)
Low (at VIL) (CS)
*
*
IIH
IIL
-70
30
-50
50
-30
70
μA
μA
(2,3)
(2,3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com