Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4261 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TLE4261
Description  5-V Low-Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4261 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TLE4261 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TLE 4261
Semiconductor Group
8
1998-11-01
Characteristics
V
I = 13.5 V; Tj = 25 °C; V2 ≥ 6 V; (unless specified otherwise)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
Normal Operation
Output voltage
V
Q
4.75
5.00
5.25
V
25 mA
≤ I
Q ≤ 500 mA;
6 V
≤ V
I ≤ 28 V;
– 40
°C ≤ T
j ≤ 125 °C
Output voltage
V
Q
4.85
5.00
5.15
V
25 mA
≤ I
Q ≤ 150 mA
6 V
≤ V
I ≤ 40 V
Output current
I
Q
––
50
µA0 V ≤ V
I ≤ 2 V; V2 = VI;
– 40
°C ≤ T
j ≤ 125 °C
Output current
I
Q
500
1000
–
mA
V
I = 17 V to 28 V
Current consumption;
I
q = II – IQ
I
q
––
3.5
mA
I
Q = 0; VW > 6 V
Current consumption;
I
q = II – IQ
I
q
–
5.0
10
mA
6 V
≤ V
I ≤ 28 V
I
Q = 150 mA
Current consumption;
I
q = II – IQ
I
q
–40
65
mA
6 V
≤ V
I ≤ 28 V
I
Q = 500 mA
Current consumption;
I
q = II – IQ
I
q
–45
80
mA
V
I < 6 V; IQ ≤ 500 mA;
Drop voltage
V
Dr
–
0.35
0.5
V
V
I = 4.5 V; IQ = 0.5 A
Drop voltage
V
Dr
–0.2
0.3
V
V
I = 4.5 V; IQ = 0.15 A
Load regulation
∆V
Q
–15
35
mV
25 mA
≤ I
Q ≤ 500 mA
Supply voltage
regulation
∆V
Q
–15
50
mV
6 V
≤ V
I ≤ 28 V
I
Q = 100 mA
Supply voltage
regulation
∆V
Q
–
5
25
mV
6 V
≤ V
I ≤ 16 V
I
Q = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com