Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4261 Datasheet(PDF) 16 Page - Siemens Semiconductor Group

Part # TLE4261
Description  5-V Low-Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4261 Datasheet(HTML) 16 Page - Siemens Semiconductor Group

Back Button TLE4261 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 13Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 14Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 15Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 16Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 17Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 18Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
TLE 4261
Semiconductor Group
16
1998-11-01
Package Outlines
10 +0.4
3.75
+0.1
17
1.27
0.6
8.4 ±0.4
±0.4
4.5
0.4 +0.1
1.27 +0.1
+0.1
4.6-0.2
2.6
1 x 45˚
at dam bar (max 1.8 from body)
im Dichtstegbereich (max 1.8 vom Körper)
-0.15
-0.15
M
0.6
7x
-0.2
10.2
1)
1) 0.75
1) 0.75
GPT05108
P-TO220-7-1
(Plastic Transistor Single Outline)
Weight approx. 2.1 g
Sorts of Packing
Package outlines for tubes, trays etc. are contained in our
Data Book “Package Information”.
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com