Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4261 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # TLE4261
Description  5-V Low-Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4261 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button TLE4261 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TLE 4261
Semiconductor Group
9
1998-11-01
Ripple rejection
SVR
–54
–
dB
f
r = 100 Hz;
V
r = 0.5 Vpp
Temperature drift of
output voltage
α
VQ
–2
×
10–4
–1/
°C– 40 °C ≤ T
j ≤ 150 °C
Inhibit Operation
Current consumption
I
1
––
50
µA
V
2 < 2 V; IQ = 0
Current consumption
I
2
––
100
µA
V
2 = 6 V
Switching threshold
for inhibit
V
2
5.0
5.5
6.0
V
IC turned ON
Switching threshold
for inhibit
V
2
2.0
2.7
3.7
V
IC turned OFF
Reset Generator
Switching threshold
V
RT
94
95.5
97
%
in % of
V
Q
I
Q > 500 mA; VI = 6 V
Saturation voltage,
reset output
V
R
–
0.250.40V
I
R = 1 mA
Reverse current
I
R
––
1
µA
V
R = 5 V
Charge current
I
d
18.75 25
31.25
µA
V
C = 1.5 V
Switching threshold
V
ST
0.9
1
1.1
V
–
Delay switching
threshold
V
DT
2.25
2.50
2.75
V
–
Saturation voltage,
delay output
V
C
––
100
mV
V
I = 4.5 V and Id
Characteristics (cont’d)
V
I = 13.5 V; Tj = 25 °C; V2 ≥ 6 V; (unless specified otherwise)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com