Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4261 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # TLE4261
Description  5-V Low-Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4261 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TLE4261 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLE 4261
Semiconductor Group
1
1998-11-01
Features
q
Very low-drop voltage
q
Very low quiescent current
q
Low starting-current consumption
q
Proof against reverse polarity
q
Input voltage up to 42 V
q
Overvoltage protection up to 65 V (
≤ 400 ms)
q
Short-circuit proof
q
External setting of reset delay
q
Integrated watchdog circuit
q
Wide temperature range
q
Overtemperature protection
q
Suitable for automotive use
q
EMC proofed (100 V/m)
w Please also refer to the new pin compatible
device TLE 4271
Functional Description
TLE 4261 is a 5-V low-drop voltage regulator in a P-TO220-7 or in a P-DSO package.
The maximum input voltage is 42 V (65 V/
≤ 400 ms). The device can produce an output
current of more than 500 mA. It is short-circuit proof and incorporates temperature
protection that disables the circuit at impermissibly high temperatures.
Type
Ordering Code
Package
w TLE 4261
Q67000-A9003
P-TO220-7-1
w TLE 4261 S
Q67000-A9109
P-TO220-7-2
w TLE 4261 G
Q67000-A9059
P-DSO-20-6 (SMD)
5-V Low-Drop Voltage Regulator
Bipolar IC
TLE 4261
P-TO220-7-1
P-TO220-7-2
P-DSO-20-6


Similar Part No. - TLE4261

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4261-2 SIEMENS-TLE4261-2 Datasheet
132Kb / 18P
5-V Low-Drop Voltage Regulator
TLE4261-2G SIEMENS-TLE4261-2G Datasheet
132Kb / 18P
5-V Low-Drop Voltage Regulator
TLE4261-2GL SIEMENS-TLE4261-2GL Datasheet
132Kb / 18P
5-V Low-Drop Voltage Regulator
More results

Similar Description - TLE4261

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com