Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4261 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # TLE4261
Description  5-V Low-Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4261 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button TLE4261 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 13Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 14Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 15Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 16Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Semiconductor Group
13
1998-11-01
Drop Voltage versus
Output Current
Current Consumption versus
Input Voltage
Current Consumption versus
Output Current
Output Voltage versus
Input Voltage
AED00586
0
0
V
100
200
300
600
mA
400
800
mV
= 4.5 V
Ι
V
Q
Ι
400
100
300
500
600
700
200
Dr
C
= 125
= 25 C
Tj
Tj
AED00026
0
0
V
Ιq
10
20
30
50
V
20
40
60
80
100
120
mA
R
L =10 Ω
Ι
40
AED00588
0
0
Ι
100
200
300
600
mA
40
80
mA
= 13.5 V
Ι
V
Q
Ι
400
10
30
50
60
70
20
q
AED00027
0
0
V
V
Q
24
610
V
2
4
6
8
10
12
V
R
L =10 Ω
Ι
8
TLE 4261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com